Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33199DR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC33199DR2
Description  Automotive ISO 9141 Serial Link Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33199DR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33199DR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33199DR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33199DR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33199DR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33199DR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33199DR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33199DR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33199DR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33199DR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33199
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 18. RXD Pull-up Resistor versus Temperature
RXD
LO
Figure 19. TXD and LO Saturation Voltage versus
Temperature
I=40mA
I=2mA
Figure 20. I1 Saturation Voltage versus Temperature
Figure 21. I1 Output DC Current versus Temperature
Figure 22. I1 Output Pulse Current versus VS Supply
Voltage
Figure 23. I1 Pulse Current Width versus Temperature


Similar Part No. - MC33199DR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33199D FREESCALE-MC33199D Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Similar Description - MC33199DR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
   Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
STMicroelectronics
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
   ISO 9141 INTERFACE
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
   ISO 9141 INTERFACE
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
   Monolithic bus driver with ISO 9141 interface
logo
Freescale Semiconductor...
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
   ISO K Line Serial Link Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com