Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-2972 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2972
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2972 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-2972 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-2972 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2972 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2972 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2972 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2972 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2972 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-2972 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-2972 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
AC Timing Characteristics Over Temperature Range (-40°C to +85°C)
Timing
Diagram Ref.
4.5 V < VLOGIC<5.5 V
VLOGIC= 3 V
Number
Description
Symbol
Min.
Max.
Min.
Max.
Units
1 
Register Select Setup Time to Chip Enable 
  trss
10 
10 
ns
2 
Register Select Hold Time to Chip Enable 
  trsh
10 
10 
ns
3 
Rising Clock Edge to Falling 
  tclkce
20 
20 
ns 
Chip Enable Edge
4 
Chip Enable Setup Time to Rising Clock Edge    tces
35 
55 
ns
5 
Chip Enable Hold Time to Rising Clock Edge 
  tceh
20 
20 
ns
6 
Data Setup Time to Rising Clock Edge 
  tds
10 
10 
ns
7 
Data Hold Time after Rising Clock Edge 
  tdh
10 
10 
ns
8 
Rising Clock Edge to DOUT[1]
  tdout
10 
40 
10 
65 
ns
9 
Propagation Delay DIN to DOUT  
  tdoutp
18 
30 
ns 
Simultaneous Mode for One IC[1,2]
10 
CE Falling Edge to DOUT Valid 
  tcedo
25 
45 
ns
11 
Clock High Time 
  tclkh
80 
100 
ns
12 
Clock Low Time 
  tclkl
80 
100 
ns
Reset Low Time 
  trstl
50 
50 
ns
Clock Frequency  
  Fcyc
5 
4 
MHz
Internal Display Oscillator Frequency 
  Finosc
80 
210 
80 
210 
KHz
Internal Refresh Frequency 
  Frf
150 
410 
150 
400 
Hz
External Display Oscillator  Frequency 
  Fexosc
  Prescaler = 1 
51.2 
1000 
51.2 
1000 
KHz
  Prescaler = 8 
410 
8000 
410 
8000 
KHz
Notes:
1. Timing specifications increase 0.3 ns per pf of capacitive loading above 15 pF.
2. This parameter is valid for Simultaneous Mode data entry of the Control Register.


Similar Part No. - HCMS-2972

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-2972 HP-HCMS-2972 Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2972 AVAGO-HCMS-2972 Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-2972 HP-HCMS-2972 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2972 BOARDCOM-HCMS-2972 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2972

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com