Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340FE16E Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC68340FE16E
Description  Integrated Processor with DMA User?셲 Manual
Download  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340FE16E Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC68340FE16E Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68340FE16E Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68340FE16E Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68340FE16E Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68340FE16E Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68340FE16E Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68340FE16E Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68340FE16E Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68340FE16E Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 441 page
background image
11/2/95
SECTION 1: OVERVIEW
UM Rev 1
MOTOROLA
MC68340 USER'S MANUAL
v
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
2.15
Test Signals.......................................................................................................2-13
2.15.1
Test Clock (TCK)...........................................................................................2-13
2.15.2
Test Mode Select (TMS)..............................................................................2-13
2.15.3
Test Data In (TDI)..........................................................................................2-13
2.15.4
Test Data Out (TDO).....................................................................................2-13
2.16
Synthesizer Power (VCCSYN)..........................................................................2-13
2.17
System Power and Ground (VCC and GND)................................................2-13
2.18
Signal Summary...............................................................................................2-13
Section 3
Bus Operation
3.1
Bus Transfer Signals........................................................................................3-1
3.1.1
Bus Control Signals .....................................................................................3-2
3.1.2
Function Code Signals................................................................................3-3
3.1.3
Address Bus (A31–A0) ................................................................................3-4
3.1.4
Address Strobe (
AS)....................................................................................3-4
3.1.5
Data Bus (D15–D0) ......................................................................................3-4
3.1.6
Data Strobe (
DS)...........................................................................................3-4
3.1.7
Bus Cycle Termination Signals..................................................................3-4
3.1.7.1
Data Transfer and Size Acknowledge Signals
(
DSACK1 and DSACK0).....................................................................3-4
3.1.7.2
Bus Error (
BERR).......................................................................................3-5
3.1.7.3
Autovector (
AVEC)....................................................................................3-5
3.2
Data Transfer Mechanism...............................................................................3-5
3.2.1
Dynamic Bus Sizing.....................................................................................3-5
3.2.2
Misaligned Operands...................................................................................3-7
3.2.3
Operand Transfer Cases.............................................................................3-7
3.2.3.1
Byte Operand to 8-Bit Port, Odd or Even (A0 = X) ..............................3-7
3.2.3.2
Byte Operand to 16-Bit Port, Even (A0 = 0)..........................................3-8
3.2.3.3
Byte Operand to 16-Bit Port, Odd (A0 = 1) ...........................................3-9
3.2.3.4
Word Operand to 8-Bit Port, Aligned .....................................................3-9
3.2.3.5
Word Operand to 16-Bit Port, Aligned...................................................3-10
3.2.3.6
Long-word Operand to 8-Bit Port, Aligned...........................................3-10
3.2.3.7
Long-Word Operand to 16-Bit Port, Aligned ........................................3-12
3.2.4
Bus Operation................................................................................................3-14
3.2.5
Synchronous Operation with
DSACK
≈.....................................................3-14
3.2.6
Fast Termination Cycles..............................................................................3-15
3.3
Data Transfer Cycles........................................................................................3-16
3.3.1
Read Cycle.....................................................................................................3-16
3.3.2
Write Cycle.....................................................................................................3-18
3.3.3
Read-Modify-Write Cycle.............................................................................3-19
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68340FE16E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68340FE16 FREESCALE-MC68340FE16 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16 FREESCALE-MC68340FE16 Datasheet
2Mb / 441P
   Integrated Processor with DMA User s Manual
MC68340FE16 FREESCALE-MC68340FE16 Datasheet
2Mb / 441P
   Integrated Processor with DMA Users Manual
logo
Motorola, Inc
MC68340FE16 MOTOROLA-MC68340FE16 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Freescale Semiconductor...
MC68340FE16V FREESCALE-MC68340FE16V Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
More results

Similar Description - MC68340FE16E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Freescale Semiconductor...
11242 FREESCALE-11242 Datasheet
2Mb / 441P
   Integrated Processor with DMA User s Manual
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340CAB16E FREESCALE-MC68340CAB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA Users Manual
logo
Motorola, Inc
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
logo
Freescale Semiconductor...
MC68340AG16E FREESCALE-MC68340AG16E Datasheet
220Kb / 10P
   Integrated Processor With DMA
logo
Motorola, Inc
MC68340P MOTOROLA-MC68340P Datasheet
52Kb / 10P
   Integrated Processor With DMA
logo
Freescale Semiconductor...
MC68340FT16E FREESCALE-MC68340FT16E Datasheet
52Kb / 10P
   Integrated Processor With DMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com