Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR2A-AU_SD_10001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # FR2A-AU_SD_10001
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

FR2A-AU_SD_10001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  FR2A-AU_SD_10001 Datasheet HTML 1Page - Pan Jit International Inc. FR2A-AU_SD_10001 Datasheet HTML 2Page - Pan Jit International Inc. FR2A-AU_SD_10001 Datasheet HTML 3Page - Pan Jit International Inc. FR2A-AU_SD_10001 Datasheet HTML 4Page - Pan Jit International Inc. FR2A-AU_SD_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
MOUNTING PAD LAYOUT
• Packing information
T/R - 3K per 13" plastic Reel
T/R - 0.5Kper 7” plastic Reel
ORDER INFORMATION
FR2A-AU~FR2J-AU
STAD-MAR.03.2009
1


Similar Part No. - FR2A-AU_SD_10001

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
FR2A-K SMC-FR2A-K Datasheet
170Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR2A-L MCC-FR2A-L Datasheet
392Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A-L MCC-FR2A-L Datasheet
434Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A-L MCC-FR2A-L_13 Datasheet
425Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A-L_1308 MCC-FR2A-L_1308 Datasheet
434Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FR2A-AU_SD_10001

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
RS1A SHUNYE-RS1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
FR1A SHUNYE-FR1A Datasheet
233Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com