Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4500E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4500E
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4500E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
• Performance specified for bommon IPM applications
over industrial temperature range: -40°C to 100°C
• Fast maximum propagation delays
tPHL = 480ns
tPLH = 550ns
• Minimized Pulse Width Distortion
PWD = 450 ns
• 15 kV/µs minimum common mode transient immu-
nity
at VCM = 1500 V
• CTR > 44% at IF = 10mA
• Safety approval:
UL Recognized
-3750 V rms / 1 min. for HCPL-4506/0466/J456
-5000 V rms / 1 min. for HCPL-4506 Option 020
and HCNW4506
CSA Approved
IEC/EN/DIN EN 60747-5-2 Approved
-VIORM = 560 Vpeak for HCPL-0466 Option 060
-VIORM = 630 Vpeak for HCPL-4506 Option 060
-VIORM = 891 Vpeak for HCPL-J456
-VIORM = 1414 Vpeak for HCNW4506
Applications
• IPM isolation
• Isolated IGBT/MOSFET gate drive
• AC and brushless DC motor drives
• Industrial inverters
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
HCPL-4506 Functional Diagram
8
7
6
1
3
SHIELD
5
2
4
20 k
NC
ANODE
CATHODE
NC
VCC
VL
VO
GND
HCPL-4506/J456/0466, HCNW4506
Intelligent Power Module and Gate Drive Interface Optocouplers
Data Sheet
Description
TheHCPL-4506andHCPL-0466containaGaAsPLEDwhile
theHCPL-J456andtheHCNW4506containanAlGaAsLED.
The LED is optically coupled to an integrated high gain
photo detector. Minimized propagation delay difference
between devices makes these optocouplers excellent so-
lutions for improving inverter efficiency through reduced
switching dead time.
Anonchip20kΩoutputpull-upresistorcanbeenabledby
shortingoutputpins6and7,thuseliminatingtheneedfor
an external pull-up resistor in common IPM applications.
Specifications and performance plots are given for typical
IPM applications.
Functional Diagram
The connection of a 0.1 µF bypass capacitor
between pins 5 and 8 is recommended.
Truth Table
LED
VO
ON
L
OFF
H
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - HCPL-4500E

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-4502 QT-HCPL-4502 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-4502 HP-HCPL-4502 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results

Similar Description - HCPL-4500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com