Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5441X Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF5441X
Description  MCF5441x ColdFire Microprocessor Data Sheet
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5441X Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF5441X Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5441X Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5441X Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5441X Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5441X Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5441X Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5441X Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5441X Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5441X Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
Pin assignments and reset states
MCF5441x ColdFire Microprocessor Data Sheet, Rev. 8
Freescale Semiconductor
11
XTAL
OEVDD
ae
H14
H16
Mode selection
BOOTMOD[1:0]
I
EVDD
msr
G5,H5
K5, L5
FlexBus
FB_AD[31:24]/
NFC_IO[15:8]5
——
I/O
FBVDD
fsr
A10, A9,
B9, C9, A8,
B8, C8, A7
B9, C8, A9,
B8, D8, A8,
D7, B7
FB_AD[23:16]/
NFC_IO[7:0]5
——
I/O
FBVDD
fsr
B7, C7, C6,
B6, A6, A5,
B5, A4
C7, A7, D6,
A6, B6, D5,
C6, A5
FB_AD[15:10]
6
I/O
FBVDD
fsr
C5, A3, B4,
C4, B3, A2
B5, A4, A3,
D4, B4, C5
FB_AD[9:8]
U7
I/O
FBVDD
fsr
B2, C3
C4, B3
FB_AD[7:0]
I/O
FBVDD
fsr
D4, B1, C2,
D3, C1, D2,
E3, D1
C3, E4, D3,
E3, A2, B2,
C2, F3
FB_ALE
PA7
FB_TS
——
O
FBVDD
fsr
E2
D2
FB_OE/
NFC_RE
PA6
FB_TBST/
NFC_RE
——
OFBVDD
fsr
H1
F1
FB_R/W/
NFC_WE
PA5
OFBVDD
fsr
H2
G2
FB_TA
PA4
NFC_R/B
U8
OFBVDD
fsr
H3
H3
FB_BE/BWE3
PA3
FB_CS3
FB_A1/
NFC_ALE9
OFBVDD
fsr
F3
C1
FB_BE/BWE2
PA2
FB_CS2
FB_A0/
NFC_CLE10
—O
FBVDD
fsr
E1
E2
FB_BE/BWE[1:0]
PA[1:0]
FB_TSIZ[1:0]
O
FBVDD
fsr
F2, F1
D1, F4
FB_CLK
PB7
OFBVDD
fsr
G1
G1
FB_CS5
PB6
DACK1
——
OFBVDD
fsr
F2
FB_CS4
PB5
DREQ1
——
OFBVDD
fsr
B1
FB_CS1
PB4
NFC_CE
OFBVDD
fsr
G3
E1
FB_CS0
PB3
OFBVDD
fsr
G2
G3
I2C 0
I2C0_SCL
PB2
UART8_TXD
CAN0_TX
I/O
EVDD
ssr
H12
G15
I2C0_SDA
PB1
UART8_RXD
CAN0_RX
I/O
EVDD
ssr
G12
G14
Table 5. MCF5441x Signal information and muxing (continued)
Signal name
GPIO
Alternate 1
Alternate 2


Similar Part No. - MCF5441X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF5441X NXP-MCF5441X Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
More results

Similar Description - MCF5441X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF52277 FREESCALE-MCF52277_09 Datasheet
1Mb / 46P
   ColdFire Microprocessor
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235_10 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
MCF5475EC FREESCALE-MCF5475EC Datasheet
607Kb / 34P
   MCF547x ColdFire Microprocessor
SCF5249 FREESCALE-SCF5249 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
MCF5329 FREESCALE-MCF5329 Datasheet
979Kb / 48P
   Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com