Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33730EK Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC33730EK
Description  Switch Mode Power Supply with Multiple Linear Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33730EK Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC33730EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33730EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33730EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33730EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33730EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33730EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33730EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33730EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33730EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33730
PIN CONNECTIONS
16
P1(1)
Logic Input
Programming Pin 1
Programming pin 1 for the VDD3, VDDL, and VKAM reference voltages.
17
P2(1)
Logic Input
Programming Pin 2
Programming pin 2 for the VDD3, VDDL, VKAM reference voltages.
18
PFD
Analog
Output
Protection FET Drive
Reverse battery protection FET gate drive.
19
BOOT
Analog Input
Bootstrap
This pin is connected to the bootstrap capacitor.
20
SR
Analog Input
Slew-rate
Slew-rate Control of the switching regulator.
21,22
SW
Power Output
Switch Node
These pins are the source of the internal power switch (N-channel
MOSFET).
23,24
VBAT
Power Input
Battery Voltage
Supply
Voltage supply to the IC (external reverse battery protection needed in
some applications).
25
KA_VBAT
Power Input
Keep Alive Supply
This pin is the keep alive supply input.
26
CP
Analog
Output
Charge Pump
External capacitor reservoir of the internal charge pump.
27
VKAM
Power Output
Keep Alive Memory
Keep-Alive Memory (standby) supply output.
28
VDD3
Analog Input VDD3 Linear Regulator This is a VDD3 regulator output feedback pin.
This pin is also the output of the VDD3 standby regulator.
29
VDD3_B
Analog
Output
VDD3 Linear
Regulator Base Drive
This pin can be used also as an additional standby regulator without the
external pass transistor.
30
GND
Ground
Ground
This pin is a ground.
31
VIGN
Analog Input
Voltage Ignition
This pin is the ignition switch control input pin. It contains an internal
protection diode.
32
P3(1)
Logic Input
Programming Pin 3
Programming pin 3 for the VDD3, VDDL, and VKAM reference voltages.
Notes
1.
Programming pins must never be left floating, they must be tied to ground or protected battery voltage depending on the output voltage
selections desired.
Table 2. 33730 Pin Definitions(continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 12.
Pin Number
Pin Name
Pin Function
Formal Name
Definition


Similar Part No. - MC33730EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33730 FREESCALE-MC33730 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
More results

Similar Description - MC33730EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
NXP Semiconductors
33394 NXP-33394 Datasheet
803Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
Rev. 2.5, 11/2002
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
logo
Freescale Semiconductor...
33394 FREESCALE-33394 Datasheet
639Kb / 44P
   Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com