Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPAKMC332GVFC20 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # SPAKMC332GVFC20
Description  Technical Summary 32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPAKMC332GVFC20 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SPAKMC332GVFC20 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPAKMC332GVFC20 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPAKMC332GVFC20 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPAKMC332GVFC20 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPAKMC332GVFC20 Datasheet HTML 11Page - Freescale Semiconductor, Inc SPAKMC332GVFC20 Datasheet HTML 12Page - Freescale Semiconductor, Inc SPAKMC332GVFC20 Datasheet HTML 13Page - Freescale Semiconductor, Inc SPAKMC332GVFC20 Datasheet HTML 14Page - Freescale Semiconductor, Inc SPAKMC332GVFC20 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
MC68332
MOTOROLA
MC68332TS/D
11
NOTES:
1. DATA[15:0] are synchronized during reset only. MODCLK is synchronized only when used as an input port pin.
2. EXTAL, XFC, and XTAL are clock reference connections.
2.2 MCU Power Connections
2.3 MCU Driver Types
T2CLK
Y
Y
TPUCH[15:0]
A
Y
Y
TSC
Y
Y
TXD
Bo
Y
Y
I/O
PQS7
XFC2
Special
XTAL2
Special
Table 3 MCU Power Connections
VSTBY
Standby RAM Power/Clock Synthesizer Power
VDDSYN
Clock Synthesizer Power
VSSE/VDDE
External Periphery Power (Source and Drain)
VSSI/VDDI
Internal Module Power (Source and Drain)
Table 4 MCU Driver Types
Type
I/O
Description
A
O
Output-only signals that are always driven; no external pull-up required
Aw
O
Type A output with weak P-channel pull-up during reset
B
O
Three-state output that includes circuitry to pull up output before high impedance is
established, to ensure rapid rise time. An external holding resistor is required to maintain
logic level while the pin is in the high-impedance state.
Bo
O
Type B output that can be operated in an open-drain mode
Table 2 MCU Pin Characteristic (Continued)
Pin
Mnemonic
Output
Driver
Input
Synchronized
Input
Hysteresis
Discrete
I/O
Port
Designation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - SPAKMC332GVFC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SPAKMC332GVFC20 MOTOROLA-SPAKMC332GVFC20 Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPAKMC332GVFC20 FREESCALE-SPAKMC332GVFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332GVFC20 FREESCALE-SPAKMC332GVFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332GVFC20 FREESCALE-SPAKMC332GVFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332GVFC20 FREESCALE-SPAKMC332GVFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
More results

Similar Description - SPAKMC332GVFC20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332GCAG20 FREESCALE-MC68332GCAG20 Datasheet
343Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68331 NXP-MC68331 Datasheet
983Kb / 84P
   Technical Summary 32-Bit Modular Microcontroller
Rev. 2
logo
Motorola, Inc
MC68HC11 MOTOROLA-MC68HC11 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
   Technical Summary 8-Bit Microcontroller
logo
Motorola, Inc
MC68HC11F1 MOTOROLA-MC68HC11F1 Datasheet
486Kb / 68P
   Technical Summary 8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com