Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-C3A1 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-C3A1
Description  0.36 Single Digit PCB Based LED Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-C3A1 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-C3A1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3A1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3A1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3A1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3A1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3A1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3A1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3A1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3A1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Orange
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Average Luminous Intensity (Digit Average)
Iv
0.9
mcd
IF = 10mA
Peak Wavelength
Op
610
nm
IF = 20mA
Dominant Wavelength
Od
605
nm
IF = 20mA
Forward Voltage per segment or DP
VF
2.15
2.3
V
IF = 20mA
Reverse Current
IR
100
PA
VR = 5V
Luminous Intensity Matching Ratio
(Segment to Segment)
Iv–M
2:1
IF = 10mA
AlGaAs Red
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Average Luminous Intensity (Digit Average)
Iv
7.5
mcd
IF = 10mA
Peak Wavelength
Op
660
nm
IF = 20mA
Dominant Wavelength
Od
643
nm
IF = 20mA
Forward Voltage per segment or DP
VF
1.85
2.0
V
IF = 20mA
Reverse Current
IR
100
PA
VR = 5V
Luminous Intensity Matching Ratio
(Segment to Segment)
Iv–M
2:1
IF = 10mA


Similar Part No. - HDSP-C3A1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-C3A1 AVAGO-HDSP-C3A1 Datasheet
278Kb / 10P
   0.36 Single Digit PCB Based LED Display
HDSP-C3A1 AVAGO-HDSP-C3A1 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
More results

Similar Description - HDSP-C3A1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H3E1 AVAGO-ADSP-H3E1 Datasheet
199Kb / 10P
   0.36??Single Digit PCB Based LED Display
HEDS-9700 AVAGO-HEDS-9700 Datasheet
278Kb / 10P
   0.36 Single Digit PCB Based LED Display
HDSP-H3X1 AVAGO-HDSP-H3X1 Datasheet
301Kb / 8P
   0.36" Single Digit PCB Based LED Display
HDSP-C3X1 AVAGO-HDSP-C3X1 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
BRIGHT LED ELECTRONICS ...
BS-A322RD BRIGHT-BS-A322RD Datasheet
186Kb / 4P
   0.36(9.10MM)single DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LSD315-63V-XX-PF LIGITEK-LSD315-63V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H5E1 AVAGO-ADSP-H5E1 Datasheet
199Kb / 10P
   0.52??Single Digit PCB Based LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com