Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-C3Y1 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-C3Y1
Description  0.36 Single Digit PCB Based LED Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-C3Y1 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-C3Y1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3Y1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3Y1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3Y1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3Y1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3Y1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3Y1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3Y1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-C3Y1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Encoding Characteristics
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances. These
characteristics do not include codewheel/codestrip contributions.
Case 1
Case 2
Parameter
Symbol
Typ.
Max.
Max.
Units
Notes
Pulse Width Error
'P
7
30
40
°e
Logic State Width Error
'S
5
30
40
°e
Phase Error
'I
2
10
15
°e
Case 1: Module mounted on tolerances of ±0.13 mm (0.005”). Case 2: Module mounted on tolerances of ±0.25 mm
(0.010”)
Note: See Figures in Mounting Considerations for details on Case 1 and Case 2 mounting tolerances.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Notes
Temperature
7


°C
Supply Voltage
V
CC
4.5
5.5
V
Ripple < 100 mV
p-p
Load Capacitance
C
L
100
pF
3.2 k
: pull-up
Count Frequency
20
kHz
(Velocity (rpm) x N)/60
Note: The module performance is guaranteed to 20 kHz but can operate at higher frequencies. For operation at 30KHz for resolution options E, F,
G and H, the maximum pulse width and logic state width errors are 40°e and phase error is 15°e.
Electrical Characteristics
Electrical Characteristics over Recommended Operating Range, Typical at 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Current
I
CC
17
40
mA
High Level Output Voltage
V
OH
2.4
V
I
OH
= -40 μA
Low Level Output Voltage
V
OL
0.4
V
I
OL
= 3.2 mA
Rise Time
t
r
200
ns
C
L
= 25 pF, R
L
= 11 k
:
Fall Time
t
f
50
ns
C
L
= 25 pF, R
L
= 11 k
:


Similar Part No. - HDSP-C3Y1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-C3Y1 AVAGO-HDSP-C3Y1 Datasheet
205Kb / 10P
   0.36 Single Digit PCB Based LED Display
HDSP-C3Y1 AVAGO-HDSP-C3Y1 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
More results

Similar Description - HDSP-C3Y1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H3E1 AVAGO-ADSP-H3E1 Datasheet
199Kb / 10P
   0.36??Single Digit PCB Based LED Display
HDSP-H3X1 AVAGO-HDSP-H3X1 Datasheet
301Kb / 8P
   0.36" Single Digit PCB Based LED Display
HDSP-C3X1 AVAGO-HDSP-C3X1 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
HDSP-C3E3 AVAGO-HDSP-C3E3 Datasheet
205Kb / 10P
   0.36 Single Digit PCB Based LED Display
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
BRIGHT LED ELECTRONICS ...
BS-A322RD BRIGHT-BS-A322RD Datasheet
186Kb / 4P
   0.36(9.10MM)single DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LSD315-63V-XX-PF LIGITEK-LSD315-63V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H5E1 AVAGO-ADSP-H5E1 Datasheet
199Kb / 10P
   0.52??Single Digit PCB Based LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com