Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1601Z Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1601Z
Description  SERCOS Fiber Optic Transmitters and Receivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1601Z Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1601Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1601Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1601Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1601Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1601Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1601Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HFBR-1602Z/1604Z Transmitters
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Reference
Storage Temperature
TS
-55
85
°C
Operating Temperature
TA
-40
85
°C
Lead Soldering Cycle
Temp.
260
°C
Note 1
Time
10
s
Note 1
Forward Input Current Peak
IFPK
120
mA
Forward Input Current Average
IFavg
60
mA
Reverse Input Voltage
VBR
-5
V
Electrical/Optical Characteristics 0 to 55° C, unless otherwise stated.
Parameter
Symbol
Min.
Typ.[2]
Max.
Unit
Condition
Reference
Forward Voltage
VF
1.5
1.9
2.2
V
IF = 35 mA
Forward Voltage
Temp. Coefficient
VF/T
-1.2
mV/°C
IF = 35 mA
Reverse Input Voltage
VBR
-5.0
-18
V
IR = 100
A
Peak Emission Wavelength
P
640
655
675
nm
Full Width Half Maximum
FWHM
20
30
nm
25° C
Diode Capacitance
CT
30
pF
VF = 0
f = 1 MHz
Optical Power
Temp. Coefficient
PT/T
-0.01
dBm/°C
IF = 35 mA
Thermal Resistance
JA
330
°C/W
Notes 3, 4
Peak Optical Output
Power of HFBR-1602Z
PT1602
-10.5
-5.5
dBm
IF = 35 mA
Notes 5, 6,11
Peak Optical Output
Power of HFBR-1604Z
PT1604
-7.5
-10.5
-3.5
-5.5
dBm
dBm
IF = 60 mA
IF = 35 mA
Notes 5, 6,11
Rise Time (10% to 90%)
tr
57
50
ns
ns
IF = 60 mA
IF = 35 mA
Fall Time (90% to 10%)
tf
40
27
ns
ns
IF = 60 mA
IF = 35 mA


Similar Part No. - HFBR-1601Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1602 HP-HFBR-1602 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
HFBR-1604 HP-HFBR-1604 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
More results

Similar Description - HFBR-1601Z

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
   SERCOS Fiber Optic Transmitters and Receivers
logo
Agilent(Hewlett-Packard...
HFBR-0600 HP-HFBR-0600 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
HFBR-2506AM HP-HFBR-2506AM Datasheet
188Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2506AMZ AVAGO-HFBR-2506AMZ Datasheet
235Kb / 6P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1506AM AVAGO-HFBR-1506AM Datasheet
170Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
Agilent(Hewlett-Packard...
HFBR-1505A HP-HFBR-1505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2505AZ AVAGO-HFBR-2505AZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
HFBR-1505A AVAGO-HFBR-1505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
logo
Broadcom Corporation.
AFBR-1555ARZ BOARDCOM-AFBR-1555ARZ Datasheet
549Kb / 9P
   Reinforced Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com