Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KST43 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KST43
Description  High Voltage Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KST43 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KST43 Datasheet HTML 1Page - Fairchild Semiconductor KST43 Datasheet HTML 2Page - Fairchild Semiconductor KST43 Datasheet HTML 3Page - Fairchild Semiconductor KST43 Datasheet HTML 4Page - Fairchild Semiconductor KST43 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, November 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: PW
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector Base Voltage
: KST42
: KST43
300
200
V
V
VCEO
Collector-Emitter Voltage
: KST42
: KST43
300
200
V
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
350
mW
TSTG
Storage Temperature
150
°C
RTH(j-a)
Thermal Resistance junction to Ambient
357
°C/W
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCBO
Collector-Emitter Breakdown Voltage
: KST42
: KST43
IC=100µA, IE=0
300
200
V
V
BVCEO
* Collector -Emitter Breakdown Voltage
: KST42
: KST43
IC=1mA, IB=0
300
200
V
V
BVEBO
Emitter-Base Breakdown Voltage
IE=100µA, IC=0
6
V
ICBO
Collector Cut-off Current
VCB=200V, IE=0
0.1
µA
IEBO
Emitter Cut-off Current
VCB=5V, IC=0
0.1
µA
hFE
* DC Current Gain
VCE=10V, IC=1mA
VCE=10V, IC=10mA
VCE=10V, IC=30mA
25
40
40
VCE (sat)
* Collector-Emitter Saturation Voltage
IC=20mA, IB=2mA
0.5
V
VBE (sat)
* Base-Emitter Saturation Voltage
IC=20mA, IB=2mA
0.9
V
Cob
Output Capacitance
: KST42
: KST43
VCB=20V, IE=0
f=1MHz
3
4
pF
pF
fT
Current Gain Bandwidth Product
VCE=20V, IC=10mA
f=100MHz
50
MHz
KST42/43
High Voltage Transistor
1. Base 2. Emitter 3. Collector
SOT-23
1
2
3


Similar Part No. - KST43

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KST43MTF FAIRCHILD-KST43MTF Datasheet
628Kb / 1P
   FAIRCHILD Small Signal Transistors
More results

Similar Description - KST43

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com