Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1527ETZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1527ETZ
Description  125Megabaud Versatile Link The Versatile Fiber Optic Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1527ETZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1527ETZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1527ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Figure 2. Recommended power supply filter and +5 V ECL signal terminations for the transmitter and receiver application circuit of Figure 1
Figure 4. Typical optical power budget vs. data rate
Figure 3. Average modulated power
8 TD
9 TX VEE
7 TD
6 TX VCC
5 RX VCC
4
3 RD
2 RD
82
10 μF
0.1 μF
4.7 μH
0.1 μF
1 RX VEE
+5 V ECL
SERIAL DATA
SOURCE
0.1 μF
0.1 μF
82
120
120
+5 V ECL
SERIAL DATA
RECEIVER
4.7 μH
10 μF
+
+
+
5 V
82
82
120
120
FIBER-OPTIC
TRANSCEIVER
SHOWN IN
FIGURE 1
4.7 μH
200
100
0
DUTY CYCLE  %
150
50
0
20
40
80
100
60
AVERAGE POWER,
50% DUTY CYCLE
AVERAGE
MODULATED
POWER
21
15
9
DATA RATE  MBd
19
11
17
13
10
90
70
130
150
110
30
50
POF
HCS


Similar Part No. - HFBR-1527ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1527ET AVAGO-HFBR-1527ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-1527ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com