Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8767906KPA Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # 8767906KPA
Description  Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

8767906KPA Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 8767906KPA Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 8767906KPA Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 8767906KPA Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 8767906KPA Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 8767906KPA Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 8767906KPA Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 8767906KPA Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 8767906KPA Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED 8767906KPA Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Typical Characteristics
All typical values are at TA = 25°C, VCC = 5 V, unless otherwise specified.
Parameter
Symbol
Test Conditions
Typ.
Units
Fig.
Notes
Input Capacitance
CIN
VF = 0 V, f = 1 MHz
60
pF
1
Input Diode Temperature
Coefficient
VF/TA
IF = 20 mA
-1.5
mV/°C
1
Resistance (Input-Output)
RI-O
VI-O = 500 V
1012
3
Capacitance (Input-Output)
CI-O
f = 1 MHz
1.0
pF
1, 11
Transistor DC Current Gain
hFE
VO = 5 V, IO = 3 mA
250
-
1
Small Signal Current Transfer Ratio
IO/IF
VCC = 5 V, VO = 2 V
21
%
7
1
Common Mode Transient Immunity
at Logic High Level Output
|CMH|
IF = 0 mA, RL = 8.2 k
,
VO (min) = 2.0 V,
VCM = 10 VP-P
1000
V/
s
10
1, 7
Common Mode Transient Immunity
at Logic Low Level Output
|CML|
IF = 16 mA, RL = 8.2 k
,
VO (max) = 0.8 V,
VCM = 10 VP-P
-1000
V/
s
10
1, 7
Bandwidth
BW
9
MHz
8
8
Multi-Channel Product Only
Parameter
Symbol
Test Conditions
Typ.
Units
Notes
Input-Input Insulation Leakage
Current
II-I
RH 65%, VI-I = 500 V, t = 5 s
1
pA
5, 9
Resistance (Input-Input)
RI-I
VI-I = 500 V
1012
5
Capacitance (Input-Input)
CI-I
f=1 MHz
0.8
pF
5
Notes:
1. Each channel of a multi-channel device.
2. Current Transfer Ratio is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100%. CTR is known to
degrade slightly over the unit’s lifetime as a function of input current, temperature, signal duty cycle, and system on time. Refer to Application
Note 1002 for more detail. ln short, it is recommended that designers allow at least 20-25% guardband for CTR degradation.
3. All devices are considered two-terminal devices; measured between all input leads or terminals shorted together and all output leads or terminals
shorted together.
4. The 4N55, 4N55/883B, HCPL-257K, HCPL-6530, HCPL-6531, and HCPL-653K dual channel parts function as two independent single channel units.
Use the single channel parameter limits. IF = 0 mA for channel under test and IF = 20 mA for other channels.
5. Measured between adjacent input pairs shorted together for each multichannel device.
6. tPHL propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.5 V point on the leading edge of the
output pulse. The tPLH propagation delay is measured from the 50% point on the trailing edge of the input pulse to the 1.5 V point on the trail-
ing edge of the output pulse.
7. CML is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic low state (VO < 0.8 V).
CMH is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the logic high state (VO > 2.0
V).
8. Bandwidth is the frequency at which the ac output voltage is 3 dB below the low frequency asymptote. For the HCPL-5530 the typical bandwidth
is 2 MHz.
9. This is a momentary withstand test, not an operating condition.
10. Higher CTR minimums are available to support special applications.
11. Measured between each input pair shorted together and all output connections for that channel shorted together.
12. Standard parts receive 100% testing at 25°C (Subgroups 1 and 9). SMD and 883B parts receive 100% testing at 25, 125, and -55°C (Subgroups 1
and 9, 2 and 10, 3 and 11, respectively).
13. Not required for 4N55, 4N55/883B, HCPL-257K, 5962-8767901, and 5962-8767905 types.
14. Required for 4N55, 4N55/883B, HCPL-257K, 5962-8767901, and 5962-8767905 types only.


Similar Part No. - 8767906KPA

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8767 BELDEN-8767 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #22-3pr, PVC, Indv. Foil, PVC Jkt, CMG
05-05-2023
8767.0601000 BELDEN-8767.0601000 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #22-3pr, PVC, Indv. Foil, PVC Jkt, CMG
05-05-2023
8767.060500 BELDEN-8767.060500 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #22-3pr, PVC, Indv. Foil, PVC Jkt, CMG
05-05-2023
8767.060U500 BELDEN-8767.060U500 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #22-3pr, PVC, Indv. Foil, PVC Jkt, CMG
05-05-2023
logo
Molex Electronics Ltd.
87678-1001 MOLEX9-87678-1001 Datasheet
259Kb / 6P
   1.27mm (.050") Pitch Serial ATA Backplane Receptacle, Through Hole, VerticalExtended Height, 0.76關m (30關") Gold (Au) Selective, 22 Circuits, Leadfree
More results

Similar Description - 8767906KPA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-553X HP-HCPL-553X Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com