Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Handwound Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # Handwound
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

Handwound Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button Handwound Datasheet HTML 7Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 8Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 9Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 10Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 11Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 12Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 13Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 14Page - Freescale Semiconductor, Inc Handwound Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
11
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 87.5--108 MHz FM BROADCAST REFERENCE CIRCUIT
30
20
90
40
28
70
50
Pout, OUTPUT POWER (WATTS)
Figure 15. Power Gain and Drain Efficiency
versus Output Power
26
23
2000
25
40
60
80
27
29
1000
D
Gps
VDD =50 Vdc,IDQ = 200 mA
24
30
100
108 MHz
98 MHz
87.5 MHz
108 MHz
98 MHz
87.5 MHz
VDD =50 Vdc,IDQ = 200 mA, Pout = 1100 W CW
f
MHz
Zsource
Zload
87.5
2.20 + j6.70
4.90 + j2.90
98
2.30 + j6.90
4.10 + j2.50
108
2.30 + j7.00
4.40 + j3.60
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload
= Test circuit impedance as measured from
drain to drain, balanced configuration.
Figure 16. Series Equivalent 87.5--108 MHz FM Broadcast Reference Circuit Source and Load Impedance
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
--
--
+
+
Zsource
Zload
50 
50 


Similar Part No. - Handwound

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HANDWOUND NXP-HANDWOUND Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
More results

Similar Description - Handwound

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP8600H FREESCALE-MRFE6VP8600H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF6VP3091N FREESCALE-MRF6VP3091N Datasheet
1Mb / 20P
   RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
   RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
AFM906N NXP-AFM906N Datasheet
701Kb / 16P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2016
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
AFT05MP075N NXP-AFT05MP075N Datasheet
1Mb / 21P
   High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2014
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com