Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2608Z Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2608Z
Description  SERCOS Fiber Optic Transmitters and Receivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2608Z Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-2608Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-2608Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-2608Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-2608Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2608Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2608Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
HFBR-2602Z Receiver
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Reference
Storage Temperature
TS
-55
85
°C
Operating Temperature
TA
-40
85
°C
Lead Soldering Cycle
Temp.
260
°C
Note 1
Time
10
s
Note 1
Supply Voltage
Vcc
-0.5
7.0
V
Output Current
IO
25
mA
Output Voltage
VO
-0.5
18.0
V
Output Collector Power Dissipation
PO AVG
40
mW
Fan Out (TTL)
N
5
Note 8
Electrical/Optical Characteristics 0 to 55° C;
Fiber core diameter ≤ 1.0 mm, fiber N.A. ≤ 0.5, 4.75 V ≤ VCC ≤ 5.25 V
Parameter
Symbol
Min.
Typ.[2]
Max.
Unit
Condition
Reference
High Level Output Current
IOH
5
250
A
VOH = 18 V
PR < -31.2 dBm
Low Level Output Voltage
VOL
0.4
0.5
V
IOL = 8 mA
PR > -20.0 dBm
High Level Supply Current
ICCH
3.5
6.3
mA
VCC = 5.25 V
PR < -31.2 dBm
Low Level Supply Current
ICCL
6.2
10
mA
VCC = 5.25 V
PR > -20.0 dBm
Dynamic Characteristics 0 to 55° C unless otherwise specified; 4.75 V ≤ VCC ≤ 5.25 V; BER ≤ 10-9
Parameter
Symbol
Min.
Typ.[2]
Max.
Unit
Condition
Reference
Peak Input Power
Level Logic HIGH
PRH
-31.2
dBm
P = 655 nm
Note 7
Peak Input Power
Level Logic LOW
PRL
-20.0
-5.0
dBm
IOL = 8 mA
Note 7
Propagation Delay
LOW to HIGH
tPLH
60
ns
PR = -20 dBm
2 MBd
Note 8, 9
Propagation Delay
HIGH to LOW
tPHL
110
ns
PR = -20 dBm
2 MBd
Note 8, 9
Pulse Width Distortion,
tPLH - tPHL
PWD
50
-50
ns
ns
PR = -5 dBm
PR = -20 dBm
Note 10
Figure 6
Notes:
1. 2.0 mm from where leads enter case.
2. Typical data at TA = +25° C.
3. Thermal resistance is measured with the transmitter coupled to a connector assembly and fiber, and mounted on a printed circuit board.
4. Pins 2, 6, and 7 are welded to the cathode header connection to minimize the thermal resistance from junction to ambient. To further reduce the
thermal resistance, the cathode trace should be made as large as is consistent with good RF circuit design.
5.
PT is measured with a large area detector at the end of 0.5 metre of plastic optical fiber with 1 mm diameter and numerical aperture of 0.5.
6. When changing
W to dBm, the optical power is referenced to 1 mW (1000 W). Optical Power P(dBm) = 10 log [P (W)/1000 W].
7. Measured at the end of 1mm plastic fiber optic cable with a large area detector.
8. 8 mA load (5 x 1.6 mA), RL = 560
.
9. Propagation delay through the system is the result of several sequentially occurring phenomena. Consequently it is a combination of data-rate-
limiting effects and of transmission-time effects. Because of this, the data-rate limit of the system must be described in terms of time differentials
between delays imposed on falling and rising edges. As the cable length is increased, the propagation delays increase. Data-rate, as limited by
pulse width distortion, is not affected by increasing cable length if the optical power level at the receiver is maintained.
10. Pulse width distortion is the difference between the delay of the rising and falling edges.
11. Both HFBR-1602Z and HFBR-1604Z meet the SERCOS "low attenuation" specifications when operated at 35 mA; only HFBR-1604Z meets the
SERCOS "high attenuation" limits when operated at 60 mA.


Similar Part No. - HFBR-2608Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2602 HP-HFBR-2602 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
More results

Similar Description - HFBR-2608Z

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
   SERCOS Fiber Optic Transmitters and Receivers
logo
Agilent(Hewlett-Packard...
HFBR-0600 HP-HFBR-0600 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
HFBR-2506AM HP-HFBR-2506AM Datasheet
188Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2506AMZ AVAGO-HFBR-2506AMZ Datasheet
235Kb / 6P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1506AM AVAGO-HFBR-1506AM Datasheet
170Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
Agilent(Hewlett-Packard...
HFBR-1505A HP-HFBR-1505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2505AZ AVAGO-HFBR-2505AZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
HFBR-1505A AVAGO-HFBR-1505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
logo
Broadcom Corporation.
AFBR-1555ARZ BOARDCOM-AFBR-1555ARZ Datasheet
549Kb / 9P
   Reinforced Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com