Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-P2021 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-P2021
Description  Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-P2021 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-P2021 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
(J) 12 mm Tape and Reel, Z-Bend Lead
Embossed Carrier
All Dimensions
Tape Dimensions
Are in Millimeters
Per ANSI/EIA
(Inches).
Standard RS-481.
Yoke and
Gull Wing Dome
Gull Wing Flat Top
Yoke Dome
Z-Bend Dome
Z-Bend Flat Top
D 1.55 (0.061 ± 0.002) Dia.
1.55 (0.061 ± 0.002) Dia.
1.55 (0.061 ± 0.002) Dia.
1.50 + 0.10
1.50 + 0.10
(0.059 + 0.004) Dia.
(0.059 + 0.004) Dia.
D1 1.0 (0.039) Dia. Min.
N/A (No Push Pin Hole)
N/A (No Push Pin Hole)
1.50 + 0.25
N/A (No Push Pin Hole)
(0.059 + 0.010)
D2 20.2 (0.795) Dia. Min.
20.2 (0.795) Dia. Min.
20.2 (0.795) Dia. Min.
20.2 (0.795) Dia. Min.
20.2 (0.795) Dia. Min.
E 1.75 ± 0.1 (0.069)
1.75 ± 0.1 (0.069)
1.75 ± 0.1 (0.069)
1.75 ± 0.1 (0.069)
1.75 ± 0.1 (0.069)
F
K0 3.05 ± 0.1 (0.120) Typ.
2.54 ± 0.1 (0.100) Typ.
3.05 ± 0.1 (0.120) Typ.
2.97 ± 0.1 (0.117) Typ.
3.05 ± 0.1 (0.120) Typ.
P 4.0 (0.157) Typ.
4.0 (0.157) Typ.
4.0 (0.157) Typ.
4.0 (0.157) Typ.
4.0 (0.157) Typ.
P0 4.0 (0.157) Typ.
4.0 (0.157) Typ.
4.0 (0.157) Typ.
4.0 (0.157) Typ.
4.0 (0.157) Typ.
P2 2.0 (0.079 ± 0.002)
2.0 (0.079 ± 0.002)
2.0 (0.079 ± 0.002)
2.0 (0.079 ± 0.002)
2.0 (0.079 ± 0.002)
t 0.3 (0.012) Typ.
0.3 (0.012) Typ.
0.3 (0.012) Typ.
0.305 ± 0.013
0.305 ± 0.013
(0.0120 ± 0.0005)
(0.0120 ± 0.0005)
W 12.0 ± 0.3 (0.472 ± 0.012)
12.0 ± 0.3 (0.472 ± 0.012)
12.0 ± 0.3 (0.472 ± 0.012)
12.0 ± 0.3 (0.472 ± 0.012) 12.0 ± 0.3 (0.472 ± 0.012)
Reel Dimensions
All Dimensions
Per ANSI/EIA
Are in Millimeters
Standard RS-481.
(Inches).
7 inch Reel
13 Inch Reel
A
178.0 ± 2.0 (7.0 ± 0.08) Dia.
330 (12.9) Dia. Max.
C
13.0 (0.512) Dia. Typ.
13.0 (0.512) Dia. Typ.
N
50.0 (1.97) Min.
100.0 (3.93) Min.
T
18.4 (0.72) mMax.
18.4 (0.72) Max.
5.50 ± 0.05 (0.217 ± 0.002)


Similar Part No. - HLMP-P2021

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-P202 BOARDCOM-HLMP-P202 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Agilent(Hewlett-Packard...
HLMP-P202-F0000 HP-HLMP-P202-F0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-P202-F00XX HP-HLMP-P202-F00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

Similar Description - HLMP-P2021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-PG00-N0011 AVAGO-HLMA-PG00-N0011 Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-7000 HP-HLMP-7000 Datasheet
220Kb / 12P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
AV02-1496EN AVAGO-AV02-1496EN Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
Siemens Semiconductor G...
ILD1 SIEMENS-ILD1 Datasheet
32Kb / 1P
   SURFACE MOUNT LEAD BEND OPTIONS
logo
Everlight Electronics C...
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
SIR91-21C EVERLIGHT-SIR91-21C Datasheet
175Kb / 9P
   .9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2522A0 EVERLIGHT-EAISZ2522A0 Datasheet
531Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2120A0 EVERLIGHT-EAISZ2120A0 Datasheet
463Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com