Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KST5179 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KST5179
Description  RF Amplifier Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KST5179 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KST5179 Datasheet HTML 1Page - Fairchild Semiconductor KST5179 Datasheet HTML 2Page - Fairchild Semiconductor KST5179 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, November 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
2.5
V
IC
Collector Current
50
mA
PC
Collector Power Dissipation (Ta=25°C)
350
mW
Derate above 25
°C2.8
mW/
°C
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=0.01mA, IE=0
20
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=3mA, IB=0
12
V
BVEBO
Emitter Base Breakdown Voltage
IE=0.01mA, IC=0
2.5
V
ICBO
Collector Cut-off Current
VCB=15V, IE=0
0.02
µA
hFE
DC Current Gain
VCE=1V, IC=3mA
25
VCE (sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=1mA
0.4
V
VBE (sat)
Base-Emitter Saturation Voltage
IC=10mA, IB=1mA
1
V
fT
Current Gain Bandwidth Product
VCE=6V, IC=5mA, f=100MHz
900
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=0.1MHz to 1MHz
1
pF
hfe
Small Signal Current Gain
VCE=6V, IC=2mA, f=1KHz
25
NF
Noise Figure
VCE=6V, IC=1.5mA, f=200MHz
RS=50Ω
4.5
dB
GPE
Power Gain
VCE=6V, IC=5mA, f=200MHz
15
dB
KST5179
RF Amplifier Transistor
7H
Marking
1. Base 2. Emitter 3. Collector
SOT-23
1
2
3


Similar Part No. - KST5179

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST51 KEXIN-KST51 Datasheet
42Kb / 2P
   NPN Darlington Transistors
More results

Similar Description - KST5179

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMT74 MOTOROLA-MMT74 Datasheet
54Kb / 2P
   RF AMPLIFIER TRANSISTOR
MPSH69 MOTOROLA-MPSH69 Datasheet
78Kb / 4P
   RF Amplifier Transistor
logo
Samsung semiconductor
MMBR5179 SAMSUNG-MMBR5179 Datasheet
33Kb / 1P
   RF AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MSC3930-BT1 ONSEMI-MSC3930-BT1 Datasheet
42Kb / 2P
   NPN RF Amplifier Transistor
October, 2005 ??Rev. 3
logo
Samsung semiconductor
MMBC1009F1 SAMSUNG-MMBC1009F1 Datasheet
27Kb / 1P
   AM/FM RF AMPLIFIER TRANSISTOR
logo
Motorola, Inc
MMBR5179LT1 MOTOROLA-MMBR5179LT1 Datasheet
47Kb / 2P
   RF AMPLIFIER TRANSISTOR NPN SILICON
logo
AUK corp
2SC5345 AUK-2SC5345 Datasheet
123Kb / 4P
   NPN Silicon Transistor (RF amplifier)
logo
ON Semiconductor
MSC3130T1 ONSEMI-MSC3130T1 Datasheet
148Kb / 4P
   NPN RF Amplifier Transistor Surface Mount
August, 2006 ??Rev. 4
NSVF4020SG4 ONSEMI-NSVF4020SG4 Datasheet
690Kb / 10P
   RF Transistor for Low Noise Amplifier
June 2016 - Rev. P1
NSVF5488SK ONSEMI-NSVF5488SK Datasheet
179Kb / 7P
   RF Transistor for Low Noise Amplifier
February, 2019 ??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com