Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-2012 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-2012
Description  Fiber Optic Transmitter and Receiver for 50 MBaud MOST
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-2012 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-2012 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-2012 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-2012 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-2012 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-2012 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-2012 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-2012 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-2012 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-2012 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Receiver Long Lead Option (AFBR-2012L)
Device Marking Receiver
Unit: mm
For more information see package outline drawing
Pin Description Receiver
Pin
Name Function/Description
1VCC = Power 3.3V or 5V (+/-5% each)
2
GND = Ground
3
MODEOUT = Mode Output
4VOUT = Data Output
Package Dimensions Receiver
Receiver Short Lead Option (AFBR-2012S)
Receiver Medium Lead Option (AFBR-2012M)
Lot#=LL
Eg.
Lot 1 = AA
Lot 2 = AB
Production
Year = YY
Eg.
2011 = 11
Product Code = XX
S = AFBR-2012S
T = AFBR-2012L
AD=AFBR-2012M
Date Code = WW
WW = Working Week
= 01 to 52
R0.15 (4x)


Similar Part No. - AFBR-2012

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-2013 AVAGO-AFBR-2013 Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-2013L AVAGO-AFBR-2013L Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-2013S AVAGO-AFBR-2013S Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
More results

Similar Description - AFBR-2012

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1013 AVAGO-AFBR-1013 Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
AFBR-1153L AVAGO-AFBR-1153L Datasheet
224Kb / 5P
   Fiber Optic Transmitter and Receiver for 150 Mbit/s MOST
AFBR-1150L AVAGO-AFBR-1150L Datasheet
224Kb / 5P
   Fiber Optic Transmitter and Receiver for 150 Mbit/s MOST
logo
Sharp Corporation
GP1F562T SHARP-GP1F562T Datasheet
24Kb / 2P
   Fiber Optic Transmitter/Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-T524Z AVAGO-AFBR-T524Z Datasheet
257Kb / 7P
   50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
logo
Agilent(Hewlett-Packard...
HFBR-1312T HP-HFBR-1312T Datasheet
182Kb / 8P
   1300 nm Fiber Optic Transmitter and Receiver
logo
Infineon Technologies A...
SPFMIT302 INFINEON-SPFMIT302 Datasheet
603Kb / 12P
   Plastic Fiber Optic Transmitter including Bigfoot??IC for MOST
2003-Jan-15
SPFMIR302 INFINEON-SPFMIR302 Datasheet
537Kb / 10P
   Plastic Fiber Optic Receiver including Bigfoot??IC for MOST
2002-Dec-02
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com