Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD166013T1J Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD166013T1J
Description  INTELLIGENT POWER DEVICE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166013T1J Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD166013T1J Datasheet HTML 1Page - Renesas Technology Corp UPD166013T1J Datasheet HTML 2Page - Renesas Technology Corp UPD166013T1J Datasheet HTML 3Page - Renesas Technology Corp UPD166013T1J Datasheet HTML 4Page - Renesas Technology Corp UPD166013T1J Datasheet HTML 5Page - Renesas Technology Corp UPD166013T1J Datasheet HTML 6Page - Renesas Technology Corp UPD166013T1J Datasheet HTML 7Page - Renesas Technology Corp UPD166013T1J Datasheet HTML 8Page - Renesas Technology Corp UPD166013T1J Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PD166013T1J
Preliminary
R07DS0852EJ0100 Rev.1.00
Page 5 of 26
Aug 20, 2012
3.5.2
Protection Function
(Tch = –40 to 150°C, VCC = 9 to 16 V, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
27.5
Tch = –40°C
6
15
Tch = 25°C
5
13
Tch = 105°C
IL5.5,5(SC)
4
12
Tch = 150°C
VCC = 5.5 V, Von = 5 V
55
Tch = –40°C
21.25
38
Tch = 25°C
16.5
32
Tch = 105°C
IL13.5,5(SC)
14.75
28
Tch = 150°C
VCC = 13.5 V, Von = 5 V
60
Tch = –40°C
27.5
43
Tch = 25°C
21.25
35
Tch = 105°C
Short circuit detection
current
IL16,5(SC)
19
30
A
Tch = 150°C
VCC = 16 V, Von = 5 V
400
Tch = 25°C, VCC = 16 V
520
Tch = 105°C, VCC = 16 V
Driving capability
Dr(capa)
580
m
Tch = 150°C, VCC = 16 V
Over load detection
voltage 1
Von(OvL)1
4.0
5.2
6.4
V
Over load detection
voltage 2
Von(OvL)2
0.45
1
1.6
V
Turn-on check delay after
input signal positive slope
td(OC)
400
s
Thermal shutdown
temperature
Tth
150
175
°C
Thermal hysteresis
T
th
10
°C
0.8
0.85
Tch = 25°C
Output voltage drop per
channel in case of reverse
battery condition
Vds(rev)
0.61
0.66
V
Tch = 150°C
IL = –2.0 A, VCC = –13.5 V
Reverse current through
GND pin
*1
–IGND
90
mA
VCC = –13.5 V
Integrated resistor in GND
line
*1
RGND
140
Output current while GND
disconnected
*1
IL(GND)
1
mA
IIN = 0 A, ISEN = 0 A, IGND = 0 A, IIS = 0 A
Note:
*1 Not tested, specified by design


Similar Part No. - UPD166013T1J

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166010 RENESAS-UPD166010 Datasheet
408Kb / 27P
   MOS INTEGRATED CIRCUIT
2009
UPD166010T1F-E1-AY RENESAS-UPD166010T1F-E1-AY Datasheet
408Kb / 27P
   MOS INTEGRATED CIRCUIT
2009
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166011T1J-E1-AY RENESAS-UPD166011T1J-E1-AY Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
More results

Similar Description - UPD166013T1J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166032T1U RENESAS-UPD166032T1U Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com