Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA56LT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBTA56LT3G
Description  Driver Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA56LT3G Datasheet(HTML) 3 Page - ON Semiconductor

  MMBTA56LT3G Datasheet HTML 1Page - ON Semiconductor MMBTA56LT3G Datasheet HTML 2Page - ON Semiconductor MMBTA56LT3G Datasheet HTML 3Page - ON Semiconductor MMBTA56LT3G Datasheet HTML 4Page - ON Semiconductor MMBTA56LT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBTA55L Series, MMBTA56L Series, SMMBTA56L Series
http://onsemi.com
3
Figure 2. Current−Gain — Bandwidth Product
Figure 3. Capacitance
IC, COLLECTOR CURRENT (mA)
-100
-200
-10
200
100
70
50
20
VR, REVERSE VOLTAGE (VOLTS)
-1.0
-100
-0.1
100
70
50
30
20
10
-2.0
VCE = -2.0 V
TJ = 25C
-2.0 -3.0
-5.0 -7.0
-20
-30
-50 -70
30
7.0
5.0
-0.2
-0.5
-5.0
-10
-20
-50
TJ = 25C
Cibo
Cobo
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
-10
-5.0
500
200
100
50
20
10
-100
-50
-200
-500
1.0 k
300
700
70
30
-7.0
-300
-70
-20 -30
VCC = -40 V
IC/IB = 10
IB1 = IB2
TJ = 25C
ts
tf
tr
td @ VBE(off) = -0.5 V
Figure 5. DC Current Gain
-2.0
-500
-0.5
IC, COLLECTOR CURRENT (mA)
400
200
100
80
60
40
-10
TJ = 125C
-1.0
-5.0
VCE = -1.0 V
-20
-100
-50
-200
25
C
-55
C
Figure 6. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 7. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.01
0.1
1
1
0.1
0.01
0.001
0.0001
0.2
0.3
0.4
0.6
0.7
0.8
1.0
1.1
IC/IB = 10
150C
25C
−55C
0.5
0.9
IC/IB = 10
150C
25C
−55C


Similar Part No. - MMBTA56LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA56LT3G ONSEMI-MMBTA56LT3G Datasheet
58Kb / 4P
   Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
MMBTA56LT3G ONSEMI-MMBTA56LT3G Datasheet
154Kb / 5P
   Driver Transistors
October, 2016 ??Rev. 8
MMBTA56LT3G ONSEMI-MMBTA56LT3G Datasheet
177Kb / 7P
   Driver Transistors
April, 2018 - Rev. 9
More results

Similar Description - MMBTA56LT3G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA05LT1 MOTOROLA-MMBTA05LT1 Datasheet
82Kb / 4P
   Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA55 KEXIN-MMBTA55 Datasheet
43Kb / 2P
   Driver Transistors
logo
Leshan Radio Company
LMBTA05LT1 LRC-LMBTA05LT1 Datasheet
111Kb / 3P
   Driver Transistors
logo
ON Semiconductor
MMBTA05L ONSEMI-MMBTA05L Datasheet
104Kb / 6P
   Driver Transistors
October, 2016 ??Rev. 10
MMBTA06LT3G ONSEMI-MMBTA06LT3G Datasheet
114Kb / 6P
   Driver Transistors
July, 2012 ??Rev. 8
logo
First Silicon Co., Ltd
MMBTA55 FS-MMBTA55 Datasheet
245Kb / 3P
   Driver Transistors
logo
ON Semiconductor
MMBTA55L ONSEMI-MMBTA55L Datasheet
154Kb / 5P
   Driver Transistors
October, 2016 ??Rev. 8
logo
WILLAS ELECTRONIC CORP
MMBTA5XLT1 WILLAS-MMBTA5XLT1 Datasheet
435Kb / 3P
   Driver Transistors
MMBTA0XLT1 WILLAS-MMBTA0XLT1 Datasheet
325Kb / 3P
   Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA05 KEXIN-MMBTA05 Datasheet
45Kb / 2P
   Driver Transistors
logo
Leshan Radio Company
LMBTA05LT1G LRC-LMBTA05LT1G_15 Datasheet
119Kb / 3P
   Driver Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com