Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR10PM-14LJA8B00 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR10PM-14LJA8B00
Description  700V - 10A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10PM-14LJA8B00 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR10PM-14LJA8B00 Datasheet HTML 1Page - Renesas Technology Corp BCR10PM-14LJA8B00 Datasheet HTML 2Page - Renesas Technology Corp BCR10PM-14LJA8B00 Datasheet HTML 3Page - Renesas Technology Corp BCR10PM-14LJA8B00 Datasheet HTML 4Page - Renesas Technology Corp BCR10PM-14LJA8B00 Datasheet HTML 5Page - Renesas Technology Corp BCR10PM-14LJA8B00 Datasheet HTML 6Page - Renesas Technology Corp BCR10PM-14LJA8B00 Datasheet HTML 7Page - Renesas Technology Corp BCR10PM-14LJA8B00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0980EJ0100 Rev.1.00
Page 1 of 7
Dec 03, 2012
Preliminary Datasheet
BCR10PM-14LJ
700V - 10A - Triac
Medium Power Use
Features
 I
T (RMS) : 10 A
 V
DRM : 800 V (Tj = 125 °C)
 Tj: 150 °C
 I
FGTI, IRGTI, IRGT
: 30 mA
 Viso: 2000V
 Insulated Type
 Planar Passivation Type
 UL Recognized: File No. E223904
Outline
RENESAS Package code: PRSS0003AA-A
(Package name: TO-220F )
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
2
1
3
2
1
3
Applications
Switching mode power supply, washing machine, motor control, heater control, and other general purpose control
applications.
Maximum Ratings
Voltage class
Parameter
Symbol
14
Unit
Conditions
Repetitive peak off-state voltage
Note1
VDRM
800
V
Tj = 125
C
700
Tj = 150
C
Non-repetitive peak off-state voltage
Note1
VDSM
840
V
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
10
A
Commercial frequency, sine full wave
360
 conduction, Tc = 103C
Surge on-state current
ITSM
100
A
60 Hz sinewave 1 full cycle,
peak value, non-repetitive
I
2t for fusion
I
2t
41.6
A
2s
Value corresponding to 1 cycle of half
wave 60 Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction Temperature
Tj
–40 to +150
C
Storage temperature
Tstg
–40 to +150
C
Mass
2.0
g
Typical value
Isolation voltage
Note5
Viso
2000
V
Ta = 25
C, AC 1 minute
T1 T2 G terminal to case
R07DS0980EJ0100
Rev.1.00
Dec 03, 2012


Similar Part No. - BCR10PM-14LJA8B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10PM-14LJ RENESAS-BCR10PM-14LJ_15 Datasheet
112Kb / 8P
   700V - 10A - Triac Medium Power Use
More results

Similar Description - BCR10PM-14LJA8B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10FM-14LJ RENESAS-BCR10FM-14LJ_15 Datasheet
105Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10PM-14LJ RENESAS-BCR10PM-14LJ_15 Datasheet
112Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10FM-14LJ RENESAS-BCR10FM-14LJ Datasheet
105Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ Datasheet
110Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ_15 Datasheet
110Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com