Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82790C0475N265 Datasheet(PDF) 2 Page - EPCOS

Part # B82790C0475N265
Description  Data and signal line chokes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82790C0475N265 Datasheet(HTML) 2 Page - EPCOS

  B82790C0475N265 Datasheet HTML 1Page - EPCOS B82790C0475N265 Datasheet HTML 2Page - EPCOS B82790C0475N265 Datasheet HTML 3Page - EPCOS B82790C0475N265 Datasheet HTML 4Page - EPCOS B82790C0475N265 Datasheet HTML 5Page - EPCOS B82790C0475N265 Datasheet HTML 6Page - EPCOS B82790C0475N265 Datasheet HTML 7Page - EPCOS B82790C0475N265 Datasheet HTML 8Page - EPCOS B82790C0475N265 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 42 V AC/80 V DC
Rated inductance 0.005 mH to 4.7 mH
Rated current 200 mA to 1000 mA
Construction
Current-compensated ring core double choke
Ferrite core
PPS case (UL 94 V-0)
Bifilar winding (B82790C0)
Sector winding (B82790S0)
Features
Suitable for reflow soldering
Qualified to AEC-Q200
RoHS-compatible
Function
B82790C0:
Suppression of asymmetrical interference coupled in on lines,
whereas data signals up to some MHz can pass unaffectedly.
B82790S0:
Suppression of asymmetrical and symmetrical interference (by Lstray)
coupled in on lines. The high-frequency portions of the symmetrical
data signal are decreased so far that EMC problems can be significantly reduced.
Applications
Automotive applications, e.g. CAN bus
Industrial applications
Terminals
Base material CuSn6
Layer composition Ni, Sn
Electro-plated
Marking
Marking on component: Manufacturer, process location (coded),
winding method (coded), ordering code (short form),
date of manufacture (YWWD)
Minimum data on reel: Manufacturer, ordering code,
L value and tolerance, quantity, date of packing
Delivery mode and packing unit
16-mm blister tape, wound on 330-mm
∅ reel
Packing unit: 1500 pcs./reel
B82790C0/S0
Data and signal line chokes
Common-mode chokes, ring core


Similar Part No. - B82790C0475N265

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82790C0475N265 EPCOS-B82790C0475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
B82790C0475N265 EPCOS-B82790C0475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
More results

Similar Description - B82790C0475N265

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
B82788C0113H052 EPCOS-B82788C0113H052 Datasheet
186Kb / 9P
   Data and signal line chokes
B82792C2474N315 EPCOS-B82792C2474N315_08 Datasheet
196Kb / 8P
   Data and signal line chokes
B82791G0015A017 EPCOS-B82791G0015A017 Datasheet
156Kb / 6P
   Data and signal line chokes
B82789C223N2 EPCOS-B82789C223N2 Datasheet
205Kb / 11P
   Data and signal line chokes
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Data and signal line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com