Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1011 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP1011
Description  9V Duall H--Briidge Mottor Driiver IIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1011 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP1011 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1011 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1011 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1011 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1011 Datasheet HTML 5Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
[AP1011]
<MS1292-E-00-Web>
AKEMD CONFIDENTIAL
2011/11
4
Protection
detection
Input
Output
UVDN
TSD
IN1A
IN2A
IN1B
IN2B
OUT1A
OUT2A
OUT1B
OUT2B
H
L
L
L
L
L
H
L
H
L
H
L
H
L
L
H
L
H
H
L
H
H
Hi-Z
Hi-Z
H
H
X
X
L
X
X
X
1. Mecanical demensions :16pin QFN package
Package
Control logic truth table
3.00±0.07
A
9
13
16
1
5
8
12
C0.30
1.80
1.50
S
0.50
4
B
0.22±0.05
0.05
S A B
M
S
0.05
0.17~0.27
【detail A】
A部
Unit:mm


Similar Part No. - AP1011

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AP101100RJ OHMITE-AP101100RJ Datasheet
338Kb / 2P
   Mou lded case for protection
AP10110KJ OHMITE-AP10110KJ Datasheet
338Kb / 2P
   Mou lded case for protection
AP10110RJ OHMITE-AP10110RJ Datasheet
338Kb / 2P
   Mou lded case for protection
AP101120RJ OHMITE-AP101120RJ Datasheet
338Kb / 2P
   Mou lded case for protection
AP10112RJ OHMITE-AP10112RJ Datasheet
338Kb / 2P
   Mou lded case for protection
More results

Similar Description - AP1011

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1012 AKM-AP1012 Datasheet
282Kb / 5P
   18V Duall H-Briidge Motor Driiver IIC
logo
Generalplus Technology ...
GPY0030C GENERALPLUS-GPY0030C Datasheet
735Kb / 17P
   Audiio Driiver
logo
List of Unclassifed Man...
SA24C1024 ETC-SA24C1024 Datasheet
680Kb / 27P
   1024Kb EEPROM IIC
logo
Generalplus Technology ...
GPL02E5 GENERALPLUS-GPL02E5 Datasheet
396Kb / 13P
   19..5KB LCD CONTROLLER//DRIIVER
logo
List of Unclassifed Man...
RF803E ETC2-RF803E Datasheet
743Kb / 13P
   Encoder // Decoder IIC?쇺?s
logo
Kemet Corporation
SU9H-R01180 KEMET-SU9H-R01180 Datasheet
60Kb / 1P
   KEMET, SU-9V/9H, AC Line Filters, Common Mode, 0.018 H
logo
List of Unclassifed Man...
12BH610-GR ETC2-12BH610-GR Datasheet
169Kb / 1P
   9V Battery Holder
12BH614A-GR ETC2-12BH614A-GR Datasheet
203Kb / 1P
   9V Battery Holder
12BH980-GR ETC2-12BH980-GR Datasheet
169Kb / 1P
   9V Battery Clip
logo
SparkFun Electronics
PRT-10512 SPARKFUN-PRT-10512 Datasheet
123Kb / 1P
   9V Battery Holder
8/3/2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com