Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1012 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AP1012
Description  18V Duall H-Briidge Motor Driiver IIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1012 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AP1012 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1012 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1012 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1012 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1012 Datasheet HTML 5Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
[AP1012]
<MS1344-E-00_web>
AKEMD CONFIDENTIAL
2012/07
2
Figure1.Block Diagram
Block Diagram
OUT1A
OUT1B
OUT2A
PGND
PGND
OUT2B
Pre
Driver
H Bridge
H Bridge
TSD
UVLO
VREF
OSC
Charge
Pump
IN1A
IN1B
PSAVE
IN2A
IN2B
VIO
VC
VG
VM1
EN
VM2
Control
Logic
DGND
CH
CL
VIO
VC
VG


Similar Part No. - AP1012

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AP101200RJ OHMITE-AP101200RJ Datasheet
338Kb / 2P
   Mou lded case for protection
AP101220RJ OHMITE-AP101220RJ Datasheet
338Kb / 2P
   Mou lded case for protection
AP10122RJ OHMITE-AP10122RJ Datasheet
338Kb / 2P
   Mou lded case for protection
AP10124RJ OHMITE-AP10124RJ Datasheet
338Kb / 2P
   Mou lded case for protection
AP101270RJ OHMITE-AP101270RJ Datasheet
338Kb / 2P
   Mou lded case for protection
More results

Similar Description - AP1012

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1011 AKM-AP1011 Datasheet
220Kb / 5P
   9V Duall H--Briidge Mottor Driiver IIC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
   18V 1ch H-Bridge Motor Driver IC
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
   18V 1ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
logo
Generalplus Technology ...
GPY0030C GENERALPLUS-GPY0030C Datasheet
735Kb / 17P
   Audiio Driiver
logo
Rohm
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6220 ROHM-BD6220_09 Datasheet
431Kb / 17P
   H-bridge drivers (18V max.)
logo
Eutech Microelectronics...
EUM6861 EUTECH-EUM6861 Datasheet
103Kb / 1P
   18V PWM Fan Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com