Electronic Components Datasheet Search |
|
B32774D4226J000 Datasheet(PDF) 10 Page - EPCOS |
|
B32774D4226J000 Datasheet(HTML) 10 Page - EPCOS |
10 / 21 page Technical data Reference standard: IEC 61071. All data given at T = 20 °C, unless otherwise specified. Operating temperature range (case) Max. operating temperature, Top,max Upper category temperature Tmax Lower category temperature Tmin +105 °C +85 °C –40 °C ESR (at 10 kHz) LS 27.5 LS 37.5 LS 52.5 < 3.0 ESRtyp < 2.5 ESRtyp < 2.0 ESRtyp Insulation Resistance Rins given as time constant τ = C R Rins, rel. humidity ≤ 65% (minimum as-delivered values) 30 000 s DC test voltage between terminals (10 s) 1.5 VR DC test voltage terminal to case (10 s) 2110 V AC, 50 Hz Maximum peak current (A) Damp heat test Limit values after damp heat test 56 days/40 °C/93% relative humidity Capacitance change | ∆C/C | ≤ 5% Dissipation factor change ∆ tan δ ≤ 1.5 · 10-3 (at 1 kHz) Insulation resistance Rins ≥ 50% of minimum as-delivered values Reliability: Failure rate λ 50 fit ( ≤ 1 10-9/h) at 0.5 V R, 40 °C Service life tSL 100 000 h at VR and 70 °C For conversion to other operating conditions, refer to chapter "Quality, 2 Reliability". VR (V DC) 450 575 800 900 1100 1300 450 575 800 900 1100 1300 450 500 700 800 920 1100 Continuous operation voltage Vop (V DC) at 70 °C Continuous operation voltage Vop (V DC) at 85 °C For temperatures between 70 °C and 85 °C 1%/ °C of derating respect V op at 70 °C (no derating at 450 V DC series) B32774 ... B32778 MKP DC link high density series Page 10 of 21 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32774D4226J000 |
|
Similar Description - B32774D4226J000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |