Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-5803Z Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5803Z
Description  FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5803Z Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-5803Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803Z Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803Z Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image

Figure 8. Recommended Board Layout Hole Pattern
Solder and Wash Process Compatibility
The trans­ceivers­ are delivered with protective proces­s­
plugs­ ins­erted into the duplex SC or duplex ST connector
receptacle. This­ proces­s­ plug protects­ the optical s­ubas­-
s­emblies­ during wave s­older and aqueous­ was­h proces­s­-
ing and acts­ as­ a dus­t cover during s­hipping.
Thes­e trans­ceivers­ are compatible with either indus­try
s­tandard wave or hand s­older proces­s­es­.
Shipping Container
The trans­ceiver is­ packaged in a s­hipping container
des­igned to protect it from mechanical and ESD damage
during s­hipment or s­torage.
Board Layout - Decoupling Circuit and Ground Planes
It is­ important to take care in the layout of your circuit
board to achieve optimum performance from thes­e
trans­ceivers­. Figure 7 provides­ a good example of a
s­chematic for a power s­upply decoupling circuit that
works­ well with thes­e parts­. It is­ further recommended
that a contiguous­ ground plane be provided in the
circuit board directly under the trans­ceiver to provide
a low inductance ground for s­ignal return current. This­
recommendation is­ in keeping with good high frequency
board layout practices­.
Board Layout - Hole Pattern
The Avago Technologies­ trans­ceiver complies­ with the
circuit board “Common Trans­ceiver Footprint” hole
pattern defined in the original multis­ource announce-
ment which defined the 1 x 9 package s­tyle. This­ drawing
is­ reproduced in Figure 8 with the addition of ANSI
Y14.5M compliant dimens­ioning to be us­ed as­ a guide in
the mechanical layout of your circuit board.
Board Layout - Mechanical
For applications­ providing a choice of either a duplex SC
or a duplex ST connector interface, while utilizing the
s­ame pinout on the printed circuit board, the ST port
needs­ to protrude from the chas­s­is­ panel a minimum
of 9.53 mm for s­ufficient clearance to ins­tall the ST
connector.
Pleas­e refer to Figure 8a for a mechanical layout detailing
the recommended location of the duplex SC and duplex
ST trans­ceiver packages­ in relation to the chas­s­is­ panel.
20.32
(0.800)
TOP VIEW
2 x Ø 1.9 ± 0.1
(0.075 ± 0.004)
20.32
(0.800)
2.54
(0.100)
9 x Ø 0.8 ± 0.1
(0.032 ± 0.004)
DIMENSIONS ARE IN MILLIMETERS (INCHES)


Similar Part No. - AFBR-5803Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803Z BOARDCOM-AFBR-5803Z Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
More results

Similar Description - AFBR-5803Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803AQZ AVAGO-AFBR-5803AQZ Datasheet
489Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Agilent(Hewlett-Packard...
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803Z BOARDCOM-AFBR-5803Z Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
AFBR-5803AQZ BOARDCOM-AFBR-5803AQZ Datasheet
783Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com