Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-5803TZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5803TZ
Description  FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5803TZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-5803TZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803TZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803TZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803TZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803TZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803TZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803TZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803TZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-5803TZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image

Figure 7. Recommended Decoupling and Termination Circuits
Figure 6. Bit Error Rate vs. Relative Receiver Input Optical Power.
-6
4
1 x 10 -2
RELATIVE INPUT OPTICAL POWER - dB
-4
2
-2
0
1 x 10 -4
1 x 10 -6
1 x 10 -8
1 x 10 -10
1 x 10 -11
CONDITIONS:
1. 155 MBd
2. PRBS 27-1
3. CENTER OF SYMBOL SAMPLING
4. TA= +25˚C
5. VCC= 3.3 V to 5 V dc
6. INPUT OPTICAL RISE/FALL TIMES = 1.0/2.1 ns.
1 x 10 -12
1 x 10 -9
1 x 10 -7
1 x 10 -5
1 x 10 -3
CENTER OF SYMBOL
AFBR-5803 SERIES
NO INTERNAL CONNECTION
NO INTERNAL CONNECTION
AFBR-5803Z
TOP VIEW
V
EE
RD
RD
SD
V
CC
V
CC
TD
TD
V
EE
1
2
3
4
5
6
7
8
9
C1
C2
L1
L2
R2
R3
R1
R4
C5
C3
C4
R9
R10
V
CC FILTER
AT V
CC PINS
TRANSCEIVER
R5
R7
R6
R8
C6
RD
RD
SD
V
CC
TD
TD
TERMINATION
AT PHY
DEVICE
INPUTS
NOTES:
THE SPLIT-LOAD TERMINATIONS FOR ECL SIGNALS NEED TO BE LOCATED AT THE INPUT
OF DEVICES RECEIVING THOSE ECL SIGNALS. RECOMMEND 4-LAYER PRINTED CIRCUIT
BOARD WITH 50 OHM MICROSTRIP SIGNAL PATHS BE USED.
R1 = R4 = R6 = R8 = R10 = 130 OHMS FOR +5.0 V OPERATION, 82 OHMS FOR +3.3 V OPERATION.
R2 = R3 = R5 = R7 = R9 = 82 OHMS FOR +5.0 V OPERATION, 130 OHMS FOR +3.3 V OPERATION.
C1 = C2 = C3 = C5 = C6 = 0.1 µF.
C4 = 10 µF.
L1 = L2 = 1 µH COIL OR FERRITE INDUCTOR.
TERMINATION
AT TRANSCEIVER
INPUTS
Rx
Rx
Tx
Tx
V
CC
V
CC
Rx
Tx
Transceiver Jitter Performance
TheAvago Technologies­ 1300 nm trans­ceivers­ are
des­igned to operate per the s­ys­tem jitter allocations­
s­tated in Tables­ E1 of Annexes­ E of the FDDI PMD and
LCF-PMD s­tandards­.
The Avago Technologies­1300 nm trans­mitters­ will
tolerate the wors­t cas­e input electrical jitter allowed in
thes­e tables­ without violating the wors­t cas­e output jitter
requirements­ of Sections­ 8.1 Active Output Interface of
the FDDI PMD and LCF-PMD s­tandards­.
The Avago Technologies­ 1300 nm receivers­ will tolerate
the wors­t cas­e input optical jitter allowed in Sections­ 8.2
Active Input Interface of the FDDI PMD and LCF-PMD
s­tandards­ without violating the wors­t cas­e output electri-
cal jitter allowed in the Tables­ E1 of the Annexes­ E.
The jitter s­pecifications­ s­tated in the following 1300 nm
trans­ceiver s­pecification tables­ are derived from the
values­ in Tables­ E1 of Annexes­ E. They repres­ent the wors­t
cas­e jitter contribution that the trans­ceivers­ are allowed
to make to the overall s­ys­tem jitter without violating the
Annex E allocation example. In practice the typical con-
tribution of the Avago Technologies­ trans­ceivers­ is­ well
below thes­e maximum allowed amounts­.
Recommended Handling Precautions
Avago Technologies­ recommends­ that normal s­tatic pre-
cautions­ be taken in the handling and as­s­embly of thes­e
trans­ceivers­ to prevent damage which may be induced
by electros­tatic dis­charge (ESD). The AFBR-5800 s­eries­ of
trans­ceivers­ meet MIL-STD-883C Method 3015.4 Clas­s­ 2
products­.
Care s­hould be us­ed to avoid s­horting the receiver data
or s­ignal detect outputs­ directly to ground without
proper current limiting impedance.


Similar Part No. - AFBR-5803TZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AFBR-5803TZ HP-AFBR-5803TZ Datasheet
287Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803TZ BOARDCOM-AFBR-5803TZ Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
More results

Similar Description - AFBR-5803TZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803AQZ AVAGO-AFBR-5803AQZ Datasheet
489Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Agilent(Hewlett-Packard...
AFBR-5803Z HP-AFBR-5803Z Datasheet
287Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803Z BOARDCOM-AFBR-5803Z Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
AFBR-5803AQZ BOARDCOM-AFBR-5803AQZ Datasheet
783Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com