Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-R524Z Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-R524Z
Description  50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-R524Z Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-R524Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-R524Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Mechanical Dimensions
Printed Circuit Board Layout Dimension
Pin Description Transmitter
Fiber port facing front, pins downward, 1=Rightmost pin to 4=Leftmost pin
Pin
Name
Function/Description
Notes
1
VCCT
Transmitter Power 5V ± 5%
2
No Pin
No physical pin is available
3
VEET
Transmitter Ground
4
Data In
Transmitter Data Input
1, 2
5
NC
Not Connected, physical pin is available
3
8
NC
Not Connected, physical pin is available
3
Pin Description Receiver
Fiber port facing front, pins downward, 1=Rightmost pin to 4=Leftmost pin
Pin
Name
Function/Description
Notes
1
Data Out
Receiver Data Output
2
2
VEER
Receiver Ground
3
VCCR
Receiver Power 5V ± 5%
4
NC
Not Connected, physical pin is available
4
5
NC
Not Connected, physical pin is available
3, 4
8
NC
Not Connected, physical pin is available
3, 4


Similar Part No. - AFBR-R524Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0544Z AVAGO-AFBR-0544Z Datasheet
544Kb / 4P
   Evaluation PCB description
AFBR-0545Z AVAGO-AFBR-0545Z Datasheet
272Kb / 5P
   The media converter kit includes
AFBR-0546Z AVAGO-AFBR-0546Z Datasheet
56Kb / 2P
   AFBR-1624Z and AFBR-2624Z unit
AFBR-0547Z AVAGO-AFBR-0547Z Datasheet
56Kb / 2P
   AFBR-1624Z and AFBR-2624Z unit
AFBR-0548Z AVAGO-AFBR-0548Z Datasheet
44Kb / 2P
   Connect 0V to GND pin of 3 pin connector
More results

Similar Description - AFBR-R524Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1644Z AVAGO-AFBR-1644Z Datasheet
90Kb / 7P
   DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-1624Z AVAGO-AFBR-1624Z Datasheet
99Kb / 7P
   DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-2521CZ AVAGO-AFBR-2521CZ Datasheet
320Kb / 9P
   DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
logo
Broadcom Corporation.
AFBR-25X1CZ BOARDCOM-AFBR-25X1CZ Datasheet
320Kb / 9P
   DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0508 AVAGO-HFBR-0508 Datasheet
208Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
HFBR-1525EZ AVAGO-HFBR-1525EZ Datasheet
131Kb / 7P
   12 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
HFBR-0508Z AVAGO-HFBR-0508Z Datasheet
143Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
AFBR-16XXZ BOARDCOM-AFBR-16XXZ Datasheet
464Kb / 11P
   DC-50MBd Versatile Link Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com