Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDLS-2416 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLS-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLS-2416 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDLS-2416_13 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416_13 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416_13 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416_13 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416_13 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416_13 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416_13 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416_13 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416_13 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
AC Timing Characteristics over Operating Temperature Range at VDD = 4.5 V
Parameter
Symbol
Min
Units
Address Setup
tAS
10
ns
Address Hold
tAH
40
ns
Data Setup
tDS
50
ns
Data Hold
tDH
40
ns
Chip Enable Setup
tCES
0
ns
Chip Enable Hold
tCEH
0
ns
Write Time
tW
75
ns
Clear
tCLR
10
µs
Clear Disable
tCLRD
1
µs
Timing Diagram
Enlarged Character Font
CE1
tCES
tAS
tW
tAH
tCEH
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
tDS
tDH
tCLRD
tCLR
2.0 V
0.8 V
CE2
A0 – A1, CU
WR
D0 – D6
CLR
0.80 (0.031)
TYP.
5.08
(0.200)
0.80 (0.031)
TYP.
0.25 (0.010)
TYP.
3.43 (0.135)
Notes:
1. Unless otherwise specified, the tolerance on all
dimensions is
± 0.254 mm (0.010 inch).
2. Dimensions are in mm (inches).


Similar Part No. - HDLS-2416_13

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLS-2416 HP-HDLS-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLS-2416 BOARDCOM-HDLS-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
More results

Similar Description - HDLS-2416_13

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
   Four Character Smart Alphanumeric Displays
HDSP-2131 AVAGO-HDSP-2131 Datasheet
217Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
HDSP-2131 AVAGO-HDSP-2131_07 Datasheet
217Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
logo
Agilent(Hewlett-Packard...
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
   Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com