Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1447AA8 Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # 1447AA8
Description  Type 12 Mild Steel Wallmount Disconnect Enclosure 1447 Series Continuous Hinge Door Flange w Allen Bradley 1494 D Series cutout only
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1447AA8 Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  1447AA8 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1447AA8 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1447AA8 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1447A B8
24.00
21.38
8.00
21.00
17.00
15.38
25.25
61
1447A C8
24.00
25.38
8.00
21.00
21.00
19.38
25.25
67
1447A D8
30.00
21.38
8.00
27.00
17.00
15.38
31.25
74
1447A E8
30.00
25.38
8.00
27.00
21.00
19.38
31.25
85
1447A F8
36.00
25.38
8.00
33.00
21.00
19.38
37.25
100
1447A G8
36.00
31.38
8.00
33.00
27.00
25.38
37.25
123
1447A H8
42.00
31.38
8.00
39.00
27.00
25.38
43.25
137
1447A J8
42.00
37.38
8.00
39.00
33.00
31.38
43.25
186
1447A K8
48.00
37.38
8.00
45.00
33.00
31.38
49.25
211
1447A L8
60.00
37.38
8.00
57.00
33.00
31.38
61.25
245
1447A B10
24.00
21.38
10.00
21.00
17.00
15.38
25.25
68
1447A C10
24.00
25.38
10.00
21.00
21.00
19.38
25.25
75
1447A D10
30.00
21.38
10.00
27.00
17.00
15.38
31.25
78
1447A E10
30.00
25.38
10.00
27.00
21.00
19.38
31.25
90
1447A F10
36.00
25.38
10.00
33.00
21.00
19.38
37.25
110
1447A G10
36.00
31.38
10.00
33.00
27.00
25.38
37.25
125
1447A H10
42.00
31.38
10.00
39.00
27.00
25.38
43.25
137
1447A J10
42.00
37.38
10.00
39.00
33.00
31.38
43.25
189
1447A K10
48.00
37.38
10.00
45.00
33.00
31.38
49.25
211
1447A L10
60.00
37.38
10.00
57.00
33.00
31.38
61.25
257
1447A G12
36.00
31.38
12.00
33.00
27.00
25.38
37.25
125
1447A H12
42.00
31.38
12.00
39.00
27.00
25.38
43.25
137
1447A J12
42.00
37.38
12.00
39.00
33.00
31.38
43.25
189
1447A K12
48.00
37.38
12.00
45.00
33.00
31.38
49.25
211
1447A L12
60.00
37.38
12.00
57.00
33.00
31.38
61.25
257
1447A K16
48.00
37.38
16.00
45.00
33.00
31.38
49.25
211
1447A L16
60.00
37.38
16.00
57.00
33.00
31.38
61.25
257
1447A K122
48.00
37.50
12.00
45.00
33.00
31.50
49.25
250
1447A L122
60.00
37.50
12.00
57.00
33.00
31.50
61.25
265
Data subject to change without notice.
© 2013. Hammond Manufacturing Ltd. All rights reserved.


Similar Part No. - 1447AA8

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1447 3M-1447 Datasheet
601Kb / 1P
   Stay sharp with Scotch Scissors
logo
API Technologies Corp
1447 APITECH-1447 Datasheet
414Kb / 1P
   Low Intermodulation Design
logo
List of Unclassifed Man...
1447-1 ETC2-1447-1 Datasheet
485Kb / 1P
   MICRO PINS
1447-2 ETC2-1447-2 Datasheet
485Kb / 1P
   MICRO PINS
1447-3 ETC2-1447-3 Datasheet
485Kb / 1P
   MICRO PINS
More results

Similar Description - 1447AA8

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1420B7 HAMMOND-1420B7 Datasheet
147Kb / 3P
   Type 1 Mild Steel Wallmount Enclosure 1420 Series Hinge Door With Quarter Turn and W Mounting Flange
1414A HAMMOND-1414A Datasheet
167Kb / 1P
   Type 12 Mild Steel Junction Box 1414 Series
HWSSHK HAMMOND-HWSSHK Datasheet
766Kb / 4P
   Stainless Steel Wallmount Enclosure
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
   IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
EJ-SERIES HAMMOND-EJ-SERIES Datasheet
246Kb / 2P
   Continuous Hinge Door with Quarter Turn
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
   Continuous Hinge Door with Quarter Turn
1418N4SSB6 HAMMOND-1418N4SSB6 Datasheet
221Kb / 3P
   Type 4X Stainless Steel Wallmount Enclosure 1418 N4
logo
List of Unclassifed Man...
A10086CHNF ETC2-A10086CHNF Datasheet
603Kb / 2P
   Continuous Hinge with Clamps, Type 4
A24H2408SSLP ETC2-A24H2408SSLP Datasheet
380Kb / 4P
   Continuous Hinge with Clamps, Type 4X
E16PBG ETC2-E16PBG Datasheet
607Kb / 2P
   77SC66p33e..c4422-0220..22362510710 Mild Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com