Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-0771 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-0771
Description  Hexadecimal and Numeric Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-0771 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-0771 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-0771 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-0771 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-0771 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-0771 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-0771 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-0771 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-0771 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Absolute Maximum Ratings
Description
Symbol
Min.
Max.
Unit
StorageTemperature,Ambient
TS
-65
+100
°C
OperatingTemperature,Ambient[1]
TA
-55
+85
°C
SupplyVoltage[2]
VCC
-0.5
+7.0
V
VoltageAppliedtoInputLogic,dpandEnablePins
VI,VDP,VE
-0.5
VCC
V
VoltageAppliedtoBlankingInput[2]
VB
-0.5
VCC
V
SolderingTemperature[1.59mm(0.063inch)BelowBody]
SolderDipping,max.5Seconds
260
°C
WaveSoldering,max.3Seconds
250
°C
Recommended Operating Conditions
Description
Symbol
Min.
Nom.
Max.
Unit
SupplyVoltage[2]
VCC
4.5
5.0
5.5
V
OperatingTemperature,Ambient[1]
TA
-55
+85
°C
EnablePulseWidth
tW
100
nsec
TimeDataMustBeHeldBeforePositiveTransitionofEnableLine
tSETUP
50
nsec
TimeDataMustBeHeldAfterPositiveTransitionofEnableLine
tHOLD
50
nsec
EnablePulseRiseTime
tTLH
1.0
msec
Optical Characteristics at TA = 25°C, VCC = 5.0 V
Device
Description
Symbol
Min.
Typ.
Max.
Unit
HDSP-0760
LuminousIntensityperLED(DigitAverage)[3,4]
IV
65
140
µcd
Series
PeakWavelength
lPEAK
635
nm
DominantWavelength[5]
ld
626
nm
HDSP-0770
LuminousIntensityperLED(DigitAverage)[3,4]
IV
260
620
µcd
Series
PeakWavelength
lPEAK
635
nm
DominantWavelength[5]
ld
626
nm
HDSP-0860
LuminousIntensityperLED(DigitAverage)[3,4]
IV
215
490
µcd
Series
PeakWavelength
lPEAK
583
nm
DominantWavelength[5,6]
ld
585
nm
HDSP-0960
LuminousIntensityperLED(DigitAverage)[3,4]
IV
298
1100
µcd
Series
PeakWavelength
lPEAK
568
nm
DominantWavelength[5,6]
ld
574
nm
Notes:
1.ThenominalthermalresistanceofadisplaymountedinasocketthatissolderedontoaprintedcircuitboardisRqJA=50°C/W/device.The
devicepackagethermalresistanceisRqJ-PIN=15°C/W/device.Thethermalresistancedevicepin-to-ambientthroughthePCboardshouldnot
exceed35°C/W/deviceforoperationatTA=+85°C.
2.Voltagevaluesarewithrespecttodeviceground,pin6.
3.Thesedisplaysarecategorizedforluminousintensitywiththeintensitycategorydesignatedbyalettercodelocatedonthebackofthedisplay
package.Casetemperatureofthedeviceimmediatelypriortothelightmeasurementisequalto25°C.


Similar Part No. - HDSP-0771

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-0771 HP-HDSP-0771 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0771 AVAGO-HDSP-0771 Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-0771

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com