Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B300W35A102XYG Datasheet(PDF) 7 Page - ON Semiconductor

Part # B300W35A102XYG
Description  Audio Processor for Portable Communication Devices DFN??4 D SUFFIX
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

B300W35A102XYG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button B300W35A102XYG Datasheet HTML 3Page - ON Semiconductor B300W35A102XYG Datasheet HTML 4Page - ON Semiconductor B300W35A102XYG Datasheet HTML 5Page - ON Semiconductor B300W35A102XYG Datasheet HTML 6Page - ON Semiconductor B300W35A102XYG Datasheet HTML 7Page - ON Semiconductor B300W35A102XYG Datasheet HTML 8Page - ON Semiconductor B300W35A102XYG Datasheet HTML 9Page - ON Semiconductor B300W35A102XYG Datasheet HTML 10Page - ON Semiconductor B300W35A102XYG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
BelaSigna 300
http://onsemi.com
7
WLCSP Pin Out
A total of 35 active pins are present on the BelaSigna 300 WLCSP package. They are organized in a staggered array. A
description of these pins is given in Table 7.
Table 7. WLCSP PAD DESCRIPTIONS
Pad Index
BelaSigna 300 Pad Name
Description
I/O
A/D
A1
GNDRCVR
Ground for output driver
N/A
A
A5
VBATRCVR
Power supply for output stage
I
A
B2
RCVR_HP+
Extra output driver pad for high power mode
O
A
C3
RCVR+
Output from output driver
O
A
A3
RCVR−
Output from output driver
O
A
B4
RCVR_HP−
Extra output driver pad for high power mode
O
A
B6
CAP0
Charge pump capacitor pin 0
N/A
A
C5
CAP1
Charge pump capacitor pin 1
N/A
A
A7
VDBL
Doubled voltage
O
A
B8
VBAT
Power supply
I
A
B10
VREG
Regulated supply voltage
O
A
A9
AGND
Analog ground
N/A
A
A11
AI4
Audio signal input 4
I
A
B12
AI2/LOUT2
Audio signal input 2/output signal from preamp 2
I/O
A
A13
AI1/LOUT1
Audio signal input 1/output signal from preamp 1
I/O
A
B14
AI0/LOUT0
Audio signal input 0/output signal from preamp 0
I/O
A
D14
GPIO[4]/LSAD[4]
General−purpose I/O 4/low speed AD input 4
I/O
A/D
E13
GPIO[3]/LSAD[3]
General−purpose I/O 3/low speed AD input 3
I/O
A/D
C13
GPIO[2]/LSAD[2]
General−purpose I/O 2/low speed AD input 2
I/O
A/D
D12
GPIO[1]/LSAD[1]/UART−RX
General−purpose I/O 1/low speed AD input 1/and UART RX
I/O
A/D
E11
GPIO[0]/UART−TX
General−purpose I/O 0/UART TX
I/O
A/D
C9
GNDC
Digital ground
N/A
A
C11
SDA (I2C)
I2C data
I/O
D
D10
SCL (I2C)
I2C clock
I/O
D
E9
EXT_CLK
External clock input/internal clock output
I/O
D
D8
VDDC
Core logic power
O
A
E7
SPI_CLK
Serial peripheral interface clock
O
D
C7
SPI_SERI
Serial peripheral interface input
I
D
D6
SPI_CS
Serial peripheral interface chip select
O
D
E5
SPI_SERO
Serial peripheral interface output
O
D
D4
PCM_FR
PCM interface frame
I/O
D
E3
PCM_SERI
PCM interface input
I
D
D2
PCM_SERO
PCM interface output
O
D
C1
PCM_CLK
PCM interface clock
I/O
D
E1
Reserved
Reserved


Similar Part No. - B300W35A102XYG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
B300W35A109A1G ONSEMI-B300W35A109A1G Datasheet
153Kb / 9P
   Audio Processor for AfterMaster HD
March, 2015 ??Rev. 0
B300W35A109A1G ONSEMI-B300W35A109A1G Datasheet
153Kb / 9P
   Audio Processor for AfterMaster HD
March, 2015 ??Rev. 0
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
More results

Similar Description - B300W35A102XYG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
logo
ams AG
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
   Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
   Power and Audio Management Unit for Portable Devices
logo
Renesas Technology Corp
9TCS1082 RENESAS-9TCS1082 Datasheet
745Kb / 29P
   FOR PORTABLE DEVICES
REV 0.5 102011
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
   Perfect for compact portable devices
logo
Sony Corporation
CXA3668N SONY-CXA3668N Datasheet
171Kb / 16P
   Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
CXD4016R SONY-CXD4016R Datasheet
1Mb / 31P
   Transmission Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXD4017R SONY-CXD4017R Datasheet
1Mb / 34P
   Reception Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
logo
Asahi Kasei Microsystem...
AKD4386 AKM-AKD4386_05 Datasheet
293Kb / 23P
   96kHz D/A converter for portable audio and home audio systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com