Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-0984 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-0984
Description  Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-0984 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-0984 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-0984 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-0984 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-0984 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-0984 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-0984 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-0984 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-0984 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Mechanical
These displays are hermetically sealed for use in environ-
ments that require a high reliability device. These displays 
are  designed  and  tested  to  meet  a  helium  leak  rate  of 
5 x 10-8 cc/sec.
These  displays  may  be  mounted  by  soldering  directly 
to a printed circuit board or insertion into a socket. The 
lead-to-lead pin spacing is 2.54 mm (0.100 inch) and the 
lead row spacing is 15.24 mm (0.600 inch). These displays 
may be end stacked with 2.54 mm (0.100 inch) spacing 
between outside pins of adjacent displays. Sockets such 
as  Augat  324-AG2D  (3  digits)  or  Augat  508-AG8D  (one 
digit, right angle mounting) may be used.
The primary thermal path for power dissipation is through 
the device leads. Therefore, to insure reliable operation 
up to an ambient temperature of +100°C, it is important 
to maintain a base-to-ambient thermal resistance of less 
than 35°C watt/device as measured on top of display pin 
3.
For  further  information  on  soldering  and  post  solder 
cleaning, see Application Note 1027, Soldering LED Com-
ponents.
Preconditioning
These  displays  are  100%  preconditioned  by  24  hour 
storage at 125°C, at 100°C for the HDSP-098x Series.
Contrast Enhancement
These  display  devices  are  designed  to  provide  an 
optimum ON/OFF contrast when placed behind an appro-
priate contrast enhancement filter. For further information 
on  contrast  enhancement,  see  Application  Note  1015, 
Contrast Enhancement for LED Displays.
Over Range Display
The over range devices display “±1” and decimal point. 
The character height and package configuration are the 
same as the numeric and hexadecimal devices. Character 
selection  is  obtained  via  external  switching  transistors 
and current limiting resistors.
Absolute Maximum Ratings
Description
Symbol
Min
Max
Unit
StorageTemperature,Ambient
TS
–65
+125
°C
OperatingTemperature,Ambient
TA
–55
+100
°C
ForwardCurrent,EachLED
IF
10
mA
ReverseVoltage,EachLED
VR
5
V


Similar Part No. - HDSP-0984

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-0984 HP-HDSP-0984 Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0984 AVAGO-HDSP-0984 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
More results

Similar Description - HDSP-0984

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com