Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1418N4S16M8 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1418N4S16M8
Description  Type 4X Stainless Steel Wallmount Enclosure 1418 N4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1418N4S16M8 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1418N4S16M8 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1418N4S16M8 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1418N4S16M8 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inner Panels
Cooling Products
Blowers and Fans
Breather Kits
Door Clamping Hardware
Door Stop Kit
Door Support Guide
Drip Shield Kit
Enclosure Stabilizers
Floor Stand Kit
Filtered Fans
Heaters
Lock kit
Type 1 Louvered Ventilating Plates
Wallmount Quick Release Clamp
Terminal Kits
Temperature Controls
Window Kits
304 S.S.
316 S.S.
Panel Size
Mounting Centers
Ship Wt.
Part No.
Part No.
A
B
C
D
E
F
G
(lbs)
1418N4SSB6
1418N4S16B6
16.00
12.00
6.00
13.00
9.00
9.50
17.25
28
1418N4SSG6
1418N4S16G6
16.00
16.00
6.00
13.00
13.00
10.00
17.25
30
1418N4SSCR6
1418N4S16CR6
16.00
20.00
6.00
13.00
17.00
14.00
17.25
38
1418N4SSC6
1418N4S16C6
20.00
16.00
6.00
17.00
13.00
10.00
21.25
38
1418N4SSD6
1418N4S16D6
20.00
20.00
6.00
17.00
17.00
14.00
21.25
40
1418N4SSE6
1418N4S16E6
24.00
20.00
6.00
21.00
17.00
14.00
25.25
61
1418N4SSJ6
1418N4S16J6
24.00
24.00
6.00
21.00
21.00
18.00
25.25
65
1418N4SSB8
1418N4S16B8
16.00
12.00
8.00
13.00
9.00
9.50
17.25
32
1418N4SSC8
1418N4S16C8
20.00
16.00
8.00
17.00
13.00
10.00
21.25
38
1418N4SSD8
1418N4S16D8
20.00
20.00
8.00
17.00
17.00
14.00
21.25
52
1418N4SSER8
1418N4S16ER8
20.00
24.00
8.00
17.00
21.00
18.00
21.25
61


Similar Part No. - 1418N4S16M8

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1418N4S16M8 HAMMOND-1418N4S16M8 Datasheet
222Kb / 3P
   Armoire murale en acier inoxydable de type 4X
More results

Similar Description - 1418N4S16M8

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
   IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
HWSSHK HAMMOND-HWSSHK Datasheet
766Kb / 4P
   Stainless Steel Wallmount Enclosure
logo
Axiomtek Co., Ltd.
GOT817-834 AXIOMTEK-GOT817-834 Datasheet
616Kb / 2P
   Full stainless steel enclosure with type 316
logo
Schneider Electric
9422A2 SCHNEIDER-9422A2 Datasheet
102Kb / 3P
   Operating mechanism, flange mounted, variable depth, handle mechanism, 6 inch handle, NEMA 4X stainless steel enclosure
9422A10 SCHNEIDER-9422A10 Datasheet
118Kb / 3P
   Operating mechanism, flange mounted, variable depth, handle mechanism, 10 inch handle, NEMA 4X stainless steel enclosure
9422A4 SCHNEIDER-9422A4 Datasheet
118Kb / 3P
   Operating mechanism, flange mounted, variable depth, handle mechanism, 4 inch handle, NEMA 4X stainless steel enclosure
9422A8 SCHNEIDER-9422A8 Datasheet
97Kb / 2P
   Operating mechanism, flange mounted, variable depth, handle mechanism, 12 inch handle, NEMA 4X stainless steel enclosure
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com