Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C66VI-GT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT93C66VI-GT3
Description  4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C66VI-GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT93C66VI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT93C66VI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT93C66VI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT93C66VI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT93C66VI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT93C66VI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT93C66VI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT93C66VI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT93C66VI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT93C66, CAT93W66
http://onsemi.com
5
Device Operation
The CAT93C66 is a 4096−bit nonvolatile memory
intended for use with industry standard microprocessors.
The CAT93C66 can be organized as either registers of 16
bits or 8 bits. When organized as X16, seven 11−bit
instructions control the reading, writing and erase
operations of the device. When organized as X8, seven
12−bit instructions control the reading, writing and erase
operations of the device. The CAT93W66 works in x16
mode only. The device operates on a single power supply
and will generate on chip, the high voltage required during
any write operation.
Instructions, addresses, and write data are clocked into the
DI pin on the rising edge of the clock (SK). The DO pin is
normally in a high impedance state except when reading data
from the device, or when checking the ready/busy status
after a write operation. The serial communication protocol
follows the timing shown in Figure 2.
The ready/busy status can be determined after the start of
internal write cycle by selecting the device (CS high) and
polling the DO pin; DO low indicates that the write
operation is not completed, while DO high indicates that the
device is ready for the next instruction. If necessary, the DO
pin may be placed back into a high impedance state during
chip select by shifting a dummy “1” into the DI pin. The DO
pin will enter the high impedance state on the rising edge of
the clock (SK). Placing the DO pin into the high impedance
state is recommended in applications where the DI pin and
the DO pin are to be tied together to form a common DI/O
pin.
The format for all instructions sent to the device is a
logical “1” start bit, a 2−bit (or 4−bit) opcode, 8−bit address
(an additional bit when organized X8) and for write
operations a 16−bit data field (8−bit for X8 organizations).
The instruction format is shown in Instruction Set table.
Table 11. INSTRUCTION SET
Instruction
Start Bit
Opcode
Address
Data
Comments
x8 (Note 11)
x16
x8 (Note 11)
x16
READ
1
10
A8−A0
A7−A0
Read Address AN – A0
ERASE
1
11
A8−A0
A7−A0
Clear Address AN – A0
WRITE
1
01
A8−A0
A7−A0
D7−D0
D15−D0
Write Address AN – A0
EWEN
1
00
11XXXXXXX
11XXXXXX
Write Enable
EWDS
1
00
00XXXXXXX
00XXXXXX
Write Disable
ERAL
1
00
10XXXXXXX
10XXXXXX
Clear All Addresses
WRAL
1
00
01XXXXXXX
01XXXXXX
D7−D0
D15−D0
Write All Addresses
11. The x8 memory organization is available for the CAT93C66 only.


Similar Part No. - CAT93C66VI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C66VI-GT3 CATALYST-CAT93C66VI-GT3 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66VI-GT3 ONSEMI-CAT93C66VI-GT3 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66VI-GT3 ONSEMI-CAT93C66VI-GT3 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66VI-GT3 ONSEMI-CAT93C66VI-GT3 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66VI-GT3 ONSEMI-CAT93C66VI-GT3 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
More results

Similar Description - CAT93C66VI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
CAT93C6612KI-28TE13 ONSEMI-CAT93C6612KI-28TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
N93C66 ONSEMI-N93C66 Datasheet
82Kb / 9P
   4 Kb Microwire Serial CMOS EEPROM
October, 2017 ??Rev. 0
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com