Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34C02HU4I-GT Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT34C02HU4I-GT
Description  2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34C02HU4I-GT Datasheet(HTML) 5 Page - ON Semiconductor

  CAT34C02HU4I-GT Datasheet HTML 1Page - ON Semiconductor CAT34C02HU4I-GT Datasheet HTML 2Page - ON Semiconductor CAT34C02HU4I-GT Datasheet HTML 3Page - ON Semiconductor CAT34C02HU4I-GT Datasheet HTML 4Page - ON Semiconductor CAT34C02HU4I-GT Datasheet HTML 5Page - ON Semiconductor CAT34C02HU4I-GT Datasheet HTML 6Page - ON Semiconductor CAT34C02HU4I-GT Datasheet HTML 7Page - ON Semiconductor CAT34C02HU4I-GT Datasheet HTML 8Page - ON Semiconductor CAT34C02HU4I-GT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT34C02
http://onsemi.com
5
10
1
0
DEVICE ADDRESS
Figure 3. Slave Address Bits
A0
A1
A2
R/W
18
9
START
SCL FROM
MASTER
BUS RELEASE DELAY (TRANSMITTER)
BUS RELEASE DELAY
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
Figure 4. Acknowledge Timing
(RECEIVER)
ACK SETUP (≥ tSU:DAT)
ACK DELAY (≤ tAA)
SCL
SDA IN
SDA OUT
Figure 5. Bus Timing
tSU:STO
tBUF
tSU:DAT
tSU:STA
tHD:STA
tHD:DAT
tAA
tF
tDH
tR
tLOW
tLOW
tHIGH
Write Operations
Byte Write
In Byte Write mode the Master sends a START, followed
by Slave address, byte address and data to be written
(Figure 6). The Slave acknowledges all 3 bytes, and the
Master then follows up with a STOP, which in turn starts the
internal Write operation (Figure 7). During internal Write,
the Slave will not acknowledge any Read or Write request
from the Master.
Page Write
The CAT34C02 contains 256 bytes of data, arranged in 16
pages of 16 bytes each. A page is selected by the 4 most
significant bits of the address byte following the Slave
address, while the 4 least significant bits point to the byte
within the page. Up to 16 bytes can be written in one Write
cycle (Figure 8).
The internal byte address counter is automatically
incremented after each data byte is loaded. If the Master
transmits more than 16 data bytes, then earlier bytes will be
overwritten by later bytes in a ‘wrap−around’ fashion
(within the selected page). The internal Write cycle starts
immediately following the STOP.
Acknowledge Polling
Acknowledge polling can be used to determine if the
CAT34C02 is busy writing or is ready to accept commands.
Polling is implemented by interrogating the device with a
‘Selective Read’ command (see READ OPERATIONS).
The CAT34C02 will not acknowledge the Slave address,
as long as internal Write is in progress.
Delivery State
The CAT34C02 is shipped ‘unprotected’, i.e. neither SWP
flag is set. The entire 2 kb memory is erased, i.e. all bytes are
FFh.


Similar Part No. - CAT34C02HU4I-GT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34C02HU4I-GT4 ONSEMI-CAT34C02HU4I-GT4 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02HU4I-GT4 ONSEMI-CAT34C02HU4I-GT4 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
CAT34C02HU4I-GT4A ONSEMI-CAT34C02HU4I-GT4A Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02HU4I-GT5 ONSEMI-CAT34C02HU4I-GT5 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02HU4I-GT5A ONSEMI-CAT34C02HU4I-GT5A Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
More results

Similar Description - CAT34C02HU4I-GT

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_18 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com