Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1481WSSDH2416 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1481WSSDH2416
Description  Deep Hinged Window kits 1481WDH Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1481WSSDH2416 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1481WSSDH2416 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1481WSSDH2416 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1481WDH3624¹
Steel
34.19
20.14
30.00 14.75
2.00
31.19 17.14
1481WSSDH1418²
Stainless
Steel
12.19
14.56
8.00
9.17
1.00
9.19 11.56
1481WSSDH1612²
Stainless
Steel
14.19
8.14
10.00
2.75
1.00
11.19 5.14
1481WSSDH2016²
Stainless
Steel
18.19
12.14
14.00
6.75
1.00
15.19 9.14
1481WSSDH2416²
Stainless
Steel
22.19
12.14
18.00
6.75
1.00
19.19 9.14
1481WSSDH2420²
Stainless
Steel
22.19
16.14
18.00 10.75
1.00
19.19 13.14
1481WSSDH2430²
Stainless
Steel
22.19
26.14
18.00 20.75
1.00
19.19 23.14
1481WSSDH3024²
Stainless
Steel
28.19
20.14
24.00 14.75
2.00
25.19 17.14
1481WSSDH3624²
Stainless
Steel
34.19
20.14
30.00 14.75
2.00
31.19 17.14
¹ UL/ CSA Type 12 and Type 4
² UL/ CSA Type 12, Type 4 and Type 4x
Data subject to change without notice.
© 2013. Hammond Manufacturing Ltd. All rights reserved.


Similar Part No. - 1481WSSDH2416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1481 ETC2-1481 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
logo
Heyco.
14810 HEYCO-14810 Datasheet
107Kb / 1P
   Heyco®-Tite Brass Profile™ Liquid Tight Cordgrips
logo
List of Unclassifed Man...
1481004-7 ETC2-1481004-7 Datasheet
10Mb / 236P
   T E CON N E C T I V I T Y AT YOU R S E R V I C E
logo
Vishay Siliconix
14810F0GJFX10101 VISHAY-14810F0GJFX10101 Datasheet
125Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
01-Jan-2022
14810F0GJFX10103KA VISHAY-14810F0GJFX10103KA Datasheet
125Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometer
01-Jan-2022
More results

Similar Description - 1481WSSDH2416

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJHMI HAMMOND-PJHMI Datasheet
146Kb / 2P
   Polycarbonate HMI Hinged Cover Kits
5/1/22
logo
Banner Engineering Corp...
LEDA70SO BANNER-LEDA70SO Datasheet
164Kb / 1P
   A70S Series Area Light Replacement Window Kits
logo
Tripp Lite. All Rights ...
SRW26USDPG TRIPPLITE-SRW26USDPG Datasheet
527Kb / 3P
   SmartRack 26U UPS-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
SRW18USDPG TRIPPLITE-SRW18USDPG Datasheet
538Kb / 3P
   SmartRack 18U UPS-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
SRW12USDPG TRIPPLITE-SRW12USDPG Datasheet
532Kb / 3P
   SmartRack 12U UPS-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
SRW12US33G TRIPPLITE-SRW12US33G Datasheet
187Kb / 3P
   SmartRack 12U Server-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
logo
Maxim Integrated Produc...
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
   Starter Kits
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com