Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C66YE-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT93C66YE-GT3
Description  4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C66YE-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT93C66YE-GT3 Datasheet HTML 1Page - ON Semiconductor CAT93C66YE-GT3 Datasheet HTML 2Page - ON Semiconductor CAT93C66YE-GT3 Datasheet HTML 3Page - ON Semiconductor CAT93C66YE-GT3 Datasheet HTML 4Page - ON Semiconductor CAT93C66YE-GT3 Datasheet HTML 5Page - ON Semiconductor CAT93C66YE-GT3 Datasheet HTML 6Page - ON Semiconductor CAT93C66YE-GT3 Datasheet HTML 7Page - ON Semiconductor CAT93C66YE-GT3 Datasheet HTML 8Page - ON Semiconductor CAT93C66YE-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT93C66, CAT93W66
http://onsemi.com
4
Table 9. A.C. CHARACTERISTICS − MATURE PRODUCT
(VCC = +1.8 V to +5.5 V, TA = −40°C to +125°C, unless otherwise specified.) (Note 8)
Symbol
Parameter
Limits
Units
Min
Max
tCSS
CS Setup Time
50
ns
tCSH
CS Hold Time
0
ns
tDIS
DI Setup Time
100
ns
tDIH
DI Hold Time
100
ns
tPD1
Output Delay to 1
0.25
ms
tPD0
Output Delay to 0
0.25
ms
tHZ (Note 9)
Output Delay to High−Z
100
ns
tEW
Program/Erase Pulse Width
5
ms
tCSMIN
Minimum CS Low Time
0.25
ms
tSKHI
Minimum SK High Time
0.25
ms
tSKLOW
Minimum SK Low Time
0.25
ms
tSV
Output Delay to Status Valid
0.25
ms
SKMAX
Maximum Clock Frequency
DC
2000
kHz
8. Test conditions according to “A.C. Test Conditions” table.
9. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate
AEC−Q100 and JEDEC test methods.
Table 10. A.C. CHARACTERISTICS − NEW PRODUCT (Rev H)
(VCC = +1.8 V to +5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
VCC = 1.8 V − 5.5 V
VCC = 4.5 V − 5.5 V
Units
Min
Max
Min
Max
tCSS
CS Setup Time
50
50
ns
tCSH
CS Hold Time
0
0
ns
tDIS
DI Setup Time
100
50
ns
tDIH
DI Hold Time
100
50
ns
tPD1
Output Delay to 1
0.25
0.1
ms
tPD0
Output Delay to 0
0.25
0.1
ms
tHZ (Note 10)
Output Delay to High−Z
100
100
ns
tEW
Program/Erase Pulse Width
5
5
ms
tCSMIN
Minimum CS Low Time
0.25
0.1
ms
tSKHI
Minimum SK High Time
0.25
0.1
ms
tSKLOW
Minimum SK Low Time
0.25
0.1
ms
tSV
Output Delay to Status Valid
0.25
0.1
ms
SKMAX
Maximum Clock Frequency
DC
2000
DC
4000
kHz
10.This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT93C66YE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66YE-GT3 ONSEMI-CAT93C66YE-GT3 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66YE-GT3 ONSEMI-CAT93C66YE-GT3 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66YE-GT3 ONSEMI-CAT93C66YE-GT3 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66YE-GT3 ONSEMI-CAT93C66YE-GT3 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
More results

Similar Description - CAT93C66YE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
CAT93C6612KI-28TE13 ONSEMI-CAT93C6612KI-28TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
N93C66 ONSEMI-N93C66 Datasheet
82Kb / 9P
   4 Kb Microwire Serial CMOS EEPROM
October, 2017 ??Rev. 0
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com