Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT8801WTB-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT8801WTB-GT3
Description  200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT8801WTB-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT8801WTB-GT3 Datasheet HTML 1Page - ON Semiconductor CAT8801WTB-GT3 Datasheet HTML 2Page - ON Semiconductor CAT8801WTB-GT3 Datasheet HTML 3Page - ON Semiconductor CAT8801WTB-GT3 Datasheet HTML 4Page - ON Semiconductor CAT8801WTB-GT3 Datasheet HTML 5Page - ON Semiconductor CAT8801WTB-GT3 Datasheet HTML 6Page - ON Semiconductor CAT8801WTB-GT3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CAT8801
http://onsemi.com
4
TYPICAL OPERATING CHARACTERISTICS
(VCC = Full range, TA = −40°C to +85°C unless otherwise noted. Typical values at TA = +25°C.)
Figure 1. Power−Up Reset Timeout
Figure 2. Supply Current vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
100
75
50
25
0
−25
−50
200
250
300
350
100
75
50
25
0
−25
−50
100
120
140
160
180
200
220
Figure 3. Power−Down Reset Delay vs.
Temperature
Figure 4. Normalized Reset Threshold vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
100
75
50
25
0
−25
−50
2.5
3.0
3.5
4.0
4.5
5.0
125
100
75
50
25
0
−25
−50
0.996
0.997
0.998
0.999
1.000
1.001
1.002
1.003
VCC = 5.5 V
VCC = 1.8 V
VCC = 5.5 V
VCC = 1.8 V
150
Description
Reset Timing
The reset signal is asserted LOW for the CAT8801 when the power supply voltage falls below the threshold trip voltage and
remains asserted for at least 140 ms after the power supply voltage has risen above the threshold.
Figure 5. Reset Timing Diagram
5V
0V
5V
0V
Threshold
Voltage
140ms
minimum
Reset Timeout Period
Power
Supply
Voltage
RESET


Similar Part No. - CAT8801WTB-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
CAT8836E18TD-GT3 ONSEMI-CAT8836E18TD-GT3 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
CAT8836H30TD-GT3 ONSEMI-CAT8836H30TD-GT3 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
CAT8836J25TD-GT3 ONSEMI-CAT8836J25TD-GT3 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
CAT8836K33TD-GT3 ONSEMI-CAT8836K33TD-GT3 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
More results

Similar Description - CAT8801WTB-GT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV803E TI1-TLV803E_V02 Datasheet
1Mb / 34P
[Old version datasheet]   TLV8xxE, Low Power 250-nA IQ Supply Voltage Supervisors
TLV803E TI-TLV803E_V07 Datasheet
2Mb / 48P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI-TLV803E_V10 Datasheet
2Mb / 49P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
REVISED MAY 2021
TLV803E TI-TLV803E_V05 Datasheet
2Mb / 44P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI-TLV803E_V06 Datasheet
2Mb / 48P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI-TLV803E_V08 Datasheet
2Mb / 48P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
MAY 2021
TLV803E TI-TLV803E_V09 Datasheet
2Mb / 49P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
REVISED MAY 2021
TLV803E TI1-TLV803E_V03 Datasheet
1Mb / 38P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI1-TLV803E_V04 Datasheet
2Mb / 44P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com