Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVC-75A Datasheet(PDF) 1 Page - Riedon Powertron

Part # TVC-75A
Description  Vitreous Tubular Power Wirewound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

TVC-75A Datasheet(HTML) 1 Page - Riedon Powertron

  TVC-75A Datasheet HTML 1Page - Riedon Powertron TVC-75A Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
6/13
TVC Series
• Resistances from 1 to 48kOhms
• Power Rating 5 to 225Watts
• Resistance Tolerances to ± 5%
Options:
SPECIFICATIONS
For Non-Inductive Windings / insert the letter “N” ( i.e. TVCN-50 )
TVC-50 and larger parts are Available with 0.250 x 0.032 Quick Connect Terminal / Add “QC” to
the Part Number.
Push-in friction grip mounting brackets are Available / Add “BKTS” to Part Number
Part Description: Part Type - Resistance - Tolerance - TCR - Quick-Connects - Brackets
Example: TVC-75 100 Ohm 5% QC BKTS
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Specification
Value
Resistance Range
1W to 48kOhms
Tolerances
±5% Standard ( Call Factory for Other Tolerances )
Temperature Coefficient
>20R : ±200ppm/K
1R to 20R : ±260ppm/K
Temperature Range
-55°C to +350°C
Dielectric Strength
1000 VAC
Overload
10X Rated Power / 5s
Vitreous Tubular Power Wirewound Resistors
Ordering Information
• Special Tolerances
• Ayrton-Perry / Non-Inductive Windings
• Fixed / Tapped / or Adjustable
• Quick Connect Terminals
• Mounting Brackets


Similar Part No. - TVC-75A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TVC TRANSKO-TVC Datasheet
408Kb / 2P
   DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 06-16-2020
logo
List of Unclassifed Man...
TVC11 ETC2-TVC11 Datasheet
190Kb / 4P
   Accessories - Monitoring relays Powermodules - TR series
logo
Vishay Barry
TVC1206CB-50R0JN-93 BARRY-TVC1206CB-50R0JN-93 Datasheet
89Kb / 1P
   ALUMINA
Rev.B 02/19/09
TVC1206CB-50R0JN-98 BARRY-TVC1206CB-50R0JN-98 Datasheet
89Kb / 1P
   BeO
Rev.B 02/23/09
TVC1206CT-50R0JN-2S BARRY-TVC1206CT-50R0JN-2S Datasheet
136Kb / 1P
   CHIP TERMINATION
Rev. C
More results

Similar Description - TVC-75A

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1600 WELWYN-1600 Datasheet
335Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
FVE VISHAY-FVE Datasheet
195Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
Revision: 03-Jun-16
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
   Wirewound Resistors, Industrial Power, Tubular, Tubular,
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Vishay Siliconix
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
   Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
Revision: 18-Aug-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com