Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC-130 Datasheet(PDF) 1 Page - Riedon Powertron

Part # TSC-130
Description  Tubular Power Wirewound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

TSC-130 Datasheet(HTML) 1 Page - Riedon Powertron

  TSC-130 Datasheet HTML 1Page - Riedon Powertron TSC-130 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
6/13
TSC Series
• Resistances from 1 to 48kOhms
• Power Rating 5 to 225Watts
• Resistance Tolerances to ± 5%
Options:
SPECIFICATIONS
For Non-Inductive Windings / insert the letter “N” ( i.e. TSCN-50 )
TSC-50 and larger parts are Available with 0.250 x 0.032 Quick Connect Terminal / Add “QC” to
the Part Number.
Push-in friction grip mounting brackets are Available / Add “BKTS” to Part Number
Part Description: Part Type - Resistance - Tolerance - TCR - Quick-Connects - Brackets
Example: TSC-75 100 Ohm 5% QC BKTS
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Specification
Value
Resistance Range
1W to 48kOhms
Tolerances
±5% Standard ( Call Factory for Other Tolerances )
Temperature Coefficient
>20R : ±200ppm/K
1R to 20R : ±260ppm/K
Temperature Range
-55°C to +350°C
Dielectric Strength
1000 VAC
Overload
10X Rated Power / 5s
Tubular Power Wirewound Resistors
Ordering Information
• Special Tolerances
• Ayrton-Perry / Non-Inductive Windings
• Fixed / Tapped / or Adjustable
• Quick Connect Terminals
• Mounting Brackets


Similar Part No. - TSC-130

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
TSC-130 WILLOW-TSC-130 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-130 RIEDON-TSC-130 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
More results

Similar Description - TSC-130

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
   Wirewound Resistors, Industrial Power, Tubular, Tubular,
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
   Vitreous Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
   Tubular Cement Coated Wirewound Resistors
1600 WELWYN-1600 Datasheet
335Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
HL01205Z10R00JJ VISHAY-HL01205Z10R00JJ Datasheet
135Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 12-Mar-14
NHL VISHAY-NHL Datasheet
127Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 26-Feb-16
MCR VISHAY-MCR Datasheet
167Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular, Metal Case, MCRL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com