Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSM-281F Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSM-281F
Description  0.28??(7.0mm) Single digit surface mount LED display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSM-281F Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSM-281F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSM-281F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSM-281F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSM-281F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSM-281F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSM-281F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSM-281F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSM-281F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSM-281F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Package Dimensions
HDSM-281x/283x
0.28”(7.0mm)
Single digit surface mount LED display
Data Sheet
Description
The HDSM-281x/283x is a single digit display of 0.28”
(7.0mm) height. This device utilizes AlInGaP / GaAs chips
and has a grey top surface with white segments.
Features
x 0.28”digit height
x Low current operation
x Excellent characters appearance
x Available in CA and CC
x 1000 pieces per reel
x Moisture sensitivity level: Level 3
x RoHS compliant
Ordering Information
Red
Green
Yellow
Orange
Description
HDSM-281C
HDSM-281H
HDSM-281F
HDSM-281L
Common Anode, Upper and Lower Decimal
HDSM-283C
HDSM-283H
HDSM-283F
HDSM-283L
Common Cathode, Upper and Lower Decimal
Notes:
All dimensions are in millimeters (inches).
Tolerance: ± 0.25mm (0.01”) unless otherwise noted.


Similar Part No. - HDSM-281F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-281B AVAGO-HDSM-281B Datasheet
161Kb / 6P
   0.28inch (7.0mm) Single digit surface mount LED display
logo
Broadcom Corporation.
HDSM-281B BOARDCOM-HDSM-281B Datasheet
446Kb / 10P
   0.28-in. (7.0-mm) Single-Digit Surface-Mount LED Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-281X AVAGO-HDSM-281X Datasheet
216Kb / 9P
   Single digit surface mount LED display
More results

Similar Description - HDSM-281F

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BD-F286RD BRIGHT-BD-F286RD Datasheet
144Kb / 3P
   0.28(7.0mm) DUAL DIGIT LED DISPLAY
BD-F284RD BRIGHT-BD-F284RD Datasheet
148Kb / 3P
   0.28"(7.0mm) DUAL DIGIT DISPLAY
logo
BetLux Electronics
BL-S28A-12 BETLUX-BL-S28A-12 Datasheet
333Kb / 5P
   7.0mm (0.28) Single digit numeric display series
logo
BRIGHT LED ELECTRONICS ...
BD-E284RD BRIGHT-BD-E284RD Datasheet
170Kb / 3P
   0.28"(7.0mm) DUAL DIGIT DISPLAY
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-281B AVAGO-HDSM-281B Datasheet
161Kb / 6P
   0.28inch (7.0mm) Single digit surface mount LED display
logo
BetLux Electronics
BL-S28C-12 BETLUX-BL-S28C-12 Datasheet
336Kb / 6P
   7.0mm (0.28) Single digit numeric display series
BL-S28A-11 BETLUX-BL-S28A-11 Datasheet
378Kb / 5P
   7.0mm (0.28) Single digit Seven Segment LED display series
BL-S28C-11 BETLUX-BL-S28C-11 Datasheet
307Kb / 5P
   7.0mm (0.28) Single digit Seven Segment LED display series
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-291B AVAGO-HDSM-291B Datasheet
238Kb / 6P
   0.28inch (7.0mm) Dual digit surface mount LED display
logo
Broadcom Corporation.
HDSM-281B BOARDCOM-HDSM-281B Datasheet
446Kb / 10P
   0.28-in. (7.0-mm) Single-Digit Surface-Mount LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com