Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSM-431B Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSM-431B
Description  0.39inch (10.0mm) Single digit surface mount LED display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSM-431B Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSM-431B Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSM-431B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSM-431B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSM-431B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSM-431B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSM-431B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HDSM-431B/433B
0.39inch (10.0mm)
Single digit surface mount LED display
Data Sheet
CAUTION: LEDs are Class 1A ESD sensitive per JESD22-A114C.01.
Please observe appropriate precautions during handling and processing.
Description
This is 0.39 inch (10.0mm) height single digit display.
This device utilizes InGaN/SiC blue LED chips. This device
comes with gray top surface and white segments.
Blue
HDSM-
Description
431B
Common Anode, Right Hand Decimal
433B
Common Cathode, Right Hand Decimal
Features
x 0.39”digit height
x Low current operation
x Excellent characters appearance
x Available in CA and CC
x 1000 pieces per reel
x Moisture Sensitivity Level: Level 3
x RoHS compliant
Package Dimensions
Note:
1. All dimensions are in millimeters.
2. Tolerance are +/- 0.25mm unless otherwise specified.


Similar Part No. - HDSM-431B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSM-431B BOARDCOM-HDSM-431B Datasheet
428Kb / 10P
   0.39-in. (10.0-mm) Single-Digit Surface-Mount LED Display
More results

Similar Description - HDSM-431B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-431W AVAGO-HDSM-431W Datasheet
145Kb / 5P
   0.39inch (10.0mm) Single digit surface mount LED display
HDSM-441W AVAGO-HDSM-441W Datasheet
137Kb / 5P
   0.39inch (10.0mm) Dual digit surface mount LED display
HDSM-441B AVAGO-HDSM-441B Datasheet
143Kb / 6P
   0.39inch (10.0mm) Dual digit surface mount LED display
HDSM-431C AVAGO-HDSM-431C Datasheet
204Kb / 9P
   0.39??(10.0mm) Single digit surface mount LED display
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-66F-XX-PF LIGITEK-LSD355-66F-XX-PF Datasheet
161Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62V-XX LIGITEK-LSD355-62V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com