Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQ-431L Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # EQ-431L
Description  EQ-431L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

EQ-431L Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  EQ-431L Datasheet HTML 1Page - Asahi Kasei Microsystems EQ-431L Datasheet HTML 2Page - Asahi Kasei Microsystems EQ-431L Datasheet HTML 3Page - Asahi Kasei Microsystems EQ-431L Datasheet HTML 4Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
●Absolute Maximum Ratings(Ta=25℃)
(*)Vcc=5V
parameter
specification
unit
symbol
Vcc
Iout
Topr
Tstg
0.3
∼ 6
±1.2(*)
40
∼ 100
40
∼ 125
V
mA
Supply voltage
output current
operating ambient
temperature
Storage ambient
temperature
●Functional Block Diagram
●Application Circuit
1:VCC
3:OUT
2:GND
Hall Element
Amplifier
Shipped in packet-tape reel(5000pcs/Reel)
Hybrid Linear Hall Effect Ics EQ-series
EQ-431L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
Notice:It is requested to read and accept "IMPORTANT NOTICE" written on the back of the front cover of this catalogue.
EQ-431L
●Operational Characteristics
●Pin and functions
●Features
Vout
Vcc
VsatH
VoutO
VsatL
Magnetic flux density
S0
N
S
N
Marking
3:OUT
2:GND
1:VCC
31
¡
Analog output which proportional to the magnetic field strength and pole.
¡
Magnetic sensitivity 65mV/mT(typ.)
¡
Supply voltage from 3.0V to 5.5V at single power supply
¡
Operating temperature range -40℃∼100℃
¡
Ratio-metric analog output
¡
3pin surface mount plastic package
¡
Quick response 3 μs
 (when the rise-up time of magnetic field is rather than 1μs)
¡
Low output noise voltage 5mVp-p
2
(Top View)
31
(Top View)
OUT
VCC
0.1μF
5V
Please add LPF if required.
GND
Pin No.
1
2
3
Pin name
VCC
GND
OUT
Function
Power supply
Ground
Output
●Recommend operating conditions
VCC
IOUT
CL
3.0
−1.0
5.0
5.5
1.0
1000
V
mA
pF
Supply voltage
output current
output load
parameter
min
typ
max
unit
symbol


Similar Part No. - EQ-431L

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
EQ-430L AKM-EQ-430L Datasheet
127Kb / 4P
   EQ-430L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-432L AKM-EQ-432L Datasheet
127Kb / 4P
   EQ-432L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-433L AKM-EQ-433L Datasheet
127Kb / 4P
   EQ-433L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
More results

Similar Description - EQ-431L

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
EQ-432L AKM-EQ-432L Datasheet
127Kb / 4P
   EQ-432L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-733L AKM-EQ-733L Datasheet
122Kb / 4P
   EQ-733L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-730L AKM-EQ-730L Datasheet
122Kb / 4P
   EQ-730L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-732L AKM-EQ-732L Datasheet
122Kb / 4P
   EQ-732L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-430L AKM-EQ-430L Datasheet
127Kb / 4P
   EQ-430L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-433L AKM-EQ-433L Datasheet
127Kb / 4P
   EQ-433L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-731L AKM-EQ-731L Datasheet
122Kb / 4P
   EQ-731L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EZ-470 AKM-EZ-470 Datasheet
128Kb / 3P
   EZ-470 is composed of an InAs Hall Element and a signal processing IC chip in a package
EZ-410 AKM-EZ-410 Datasheet
130Kb / 3P
   EZ-410 is composed of an InAs Hall Element and a signal processing IC chip in a package
EW-432 AKM-EW-432 Datasheet
134Kb / 3P
   EW-432 is composed of a Ultra-high sensitive InSb Hall element and a signal processing IC chip in a package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com