Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-CONTROLBRD2 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-CONTROLBRD2
Description  Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-CONTROLBRD2 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-CONTROLBRD2 Datasheet HTML 1Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 2Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 3Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 4Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 5Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 6Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 7Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 8Page - Analog Devices EVAL-CONTROLBRD2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Differential/Single-Ended Input, Dual
1 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
FUNCTIONAL BLOCK DIAGRAM
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
DOUTA
OUTPUT
DRIVERS
CONTROL
LOGIC
T/H
BUF
VA1
VA2
VA3
VA4
VA5
VA6
MUX
REF
AD7265
VDRIVE
REF SELECT
DCAPA
AVDD
DVDD
BUF
DOUTB
OUTPUT
DRIVERS
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
VB1
VB2
VB3
VB4
VB5
VB6
MUX
AGND AGND AGND DCAPB
DGND
DGND
CS
SCLK
RANGE
SGL/DIFF
A0
A1
A2
Dual 12-bit, 3-channel ADC
Throughput rate: 1 MSPS
Specified for VDD of 2.7 V to 5.25 V
Power consumption
7 mW at 1 MSPS with 3 V supplies
17 mW at 1 MSPS with 5 V supplies
Pin-configurable analog inputs
12-channel single-ended inputs
6-channel fully differential inputs
6-channel pseudo differential inputs
70 dB SINAD at 50 kHz input frequency
Accurate on-chip reference: 2.5 V
±0.2% maximum @ 25°C, 20 ppm/°C maximum
Dual conversion with read 875 ns, 16 MHz SCLK
High speed serial interface
SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
−40°C to +125°C operation
Shutdown mode: 1 μA maximum
32-lead LFCSP and 32-lead TQFP
2 MSPS version, AD7266
GENERAL DESCRIPTION
Figure 1.
The AD72651 is a dual, 12-bit, high speed, low power, successive
approximation ADC that operates from a single 2.7 V to 5.25 V
power supply and features throughput rates of up to 1 MSPS. The
device contains two ADCs, each preceded by a 3-channel
multiplexer, and a low noise, wide bandwidth track-and-hold
amplifier that can handle input frequencies in excess of 30 MHz.
PRODUCT HIGHLIGHTS
1. Two Complete ADC Functions Allow Simultaneous
Sampling and Conversion of Two Channels.
Each ADC has three fully/pseudo differential pairs, or six
single-ended channels, as programmed. The conversion
result of both channels is simultaneously available on
separate data lines, or in succession on one data line if only
one serial port is available.
The conversion process and data acquisition use standard
control inputs allowing easy interfacing to microprocessors or
DSPs. The input signal is sampled on the falling edge of CS;
conversion is also initiated at this point. The conversion time is
determined by the SCLK frequency. The AD7265 uses advanced
design techniques to achieve very low power dissipation at high
throughput rates. With 5 V supplies and a 1 MSPS throughput rate,
the part consumes 4 mA maximum. The part also offers flexible
power/throughput rate management when operating in normal
mode, because the quiescent current consumption is so low.
2. High Throughput with Low Power Consumption.
The AD7265 offers a 1 MSPS throughput rate with 9 mW
maximum power dissipation when operating at 3 V.
3. The AD7265 offers both a standard 0 V to VREF input range
and a 2 × V
input range.
REF
4. No Pipeline Delay.
The part features two standard successive approximation
ADCs with accurate control of the sampling instant via a
The analog input range for the part can be selected to be a 0 V
to V
CS
input and once off conversion control.
(or 2 × V
REF
REF
) range, with either straight binary or twos
complement output coding. The AD7265 has an on-chip 2.5 V
reference that can be overdriven when an external reference is
preferred. This external reference range is 100 mV to V
1 Protected by U.S. Patent No. 6,681,332.
DD
. The
AD7265 is available in 32-lead LFCSP and 32-lead TQFP.


Similar Part No. - EVAL-CONTROLBRD2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-CONTROLBRD2 AD-EVAL-CONTROLBRD2 Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
EVAL-CONTROLBRD2 AD-EVAL-CONTROLBRD2 Datasheet
432Kb / 24P
   Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
REV. PrJ 27/02/02
EVAL-CONTROLBRD2 AD-EVAL-CONTROLBRD2 Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
EVAL-CONTROLBRD2 AD-EVAL-CONTROLBRD2 Datasheet
1Mb / 15P
   Evaluation Board AD766X/AD767X
REV. PrK
EVAL-CONTROLBRD2 AD-EVAL-CONTROLBRD2 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
More results

Similar Description - EVAL-CONTROLBRD2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com