Selected language     English  ▼


LM331N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. LM331N
Description  V-F Converter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Guaranteed linearity: 0.01% max.
• Low power dissipation: 15mW at 5V
• Wide range of full scale frequency: 1Hz to 100KHz
• Pulse output compatible with all logic forms
• Wide dynamic range: 100dB min at 10KHz full scale
frequency
Description
This voltage to frequency converter provides the output
pulse train at a frequency precisely proportional to the
applied input voltage. The LM331 can operate at power
supplies as low as 4.0V and be changed output frequency
from 1Hz to 100KHz. It is ideally suited for use in simple
low cost circuit for analog-to digital conversion, long term
integration, linear frequency modulation or demodulation,
frequency to voltage conversion, and many other functions.
Internal Block Diagram
LM331
V-F Converter
8-DIP
1




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA331V-F Converter 1 2 3 4 5 MoreFairchild Semiconductor
M62291GP5-PIN SOT-23 5.0V SYSTEM FIXED OUTPUT VOLTAGE DC-DC CONVERTER 1 2 3 Mitsubishi Electric Semiconductor
M62363FP8-BIT 8CH D-A CONVERTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M65530FPTRIPLE 10-BIT VIDEO D-A CONVERTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
2SC4179FM/AM RF AMPLIFIER MIXER OSCILLATOR CONVERTER NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 4 NEC
UPD16901FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC 1 2 3 4 5 MoreNEC
NJU37118-BIT SERIAL TO PARALLEL CONVERTER 1 2 3 4 5 MoreNew Japan Radio
SM5878AM3rd-order 2-channel D/A converter 1 2 3 4 5 MoreNippon Precision Circuits Inc
ADC08198-Bit Serial I/O A/D Converter with 19-Channel Multiplexer 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC1046110-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl