Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1B-AU_A0_10001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # GS1B-AU_A0_10001
Description  SURFACE MOUNT RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1B-AU_A0_10001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  GS1B-AU_A0_10001 Datasheet HTML 1Page - Pan Jit International Inc. GS1B-AU_A0_10001 Datasheet HTML 2Page - Pan Jit International Inc. GS1B-AU_A0_10001 Datasheet HTML 3Page - Pan Jit International Inc. GS1B-AU_A0_10001 Datasheet HTML 4Page - Pan Jit International Inc. GS1B-AU_A0_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-FEB.04.2009
1
GS1A-AU~GS1M-AU
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 7.5K per 13" plastic Reel
T/R - 1.8K per 7" plastic Reel


Similar Part No. - GS1B-AU_A0_10001

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1B-L MCC-GS1B-L Datasheet
246Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-L MCC-GS1B-L Datasheet
255Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts Extremely Low Thermal Resistance
GS1B-L MCC-GS1B-L Datasheet
255Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-L MCC-GS1B-L Datasheet
258Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-L MCC-GS1B-L Datasheet
362Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - GS1B-AU_A0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com