Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH4234PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH4234PBF
Description  Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4234PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH4234PBF Datasheet HTML 1Page - International Rectifier IRFH4234PBF Datasheet HTML 2Page - International Rectifier IRFH4234PBF Datasheet HTML 3Page - International Rectifier IRFH4234PBF Datasheet HTML 4Page - International Rectifier IRFH4234PBF Datasheet HTML 5Page - International Rectifier IRFH4234PBF Datasheet HTML 6Page - International Rectifier IRFH4234PBF Datasheet HTML 7Page - International Rectifier IRFH4234PBF Datasheet HTML 8Page - International Rectifier IRFH4234PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
 
IRFH4234PbF
5
www.irf.com
© 2013 International Rectifier
August 16, 2013
Fig 12. On– Resistance vs. Gate Voltage
Fig 13. Maximum Avalanche Energy vs. Drain Current
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
2.0
4.0
6.0
8.0
10.0
12.0
ID = 30A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
40
80
120
160
200
ID
TOP
6.8A
12A
BOTTOM 30A
Fig 14. Typical Avalanche Current vs. Pulsewidth
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
tav (sec)
0.1
1
10
100
1000
Duty Cycle = Single Pulse
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming  j = 25°C and
Tstart = 125°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming Tj = 125°C and
Tstart =25°C (Single Pulse)


Similar Part No. - IRFH4234PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4234PBF IRF-IRFH4234PBF Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results

Similar Description - IRFH4234PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4213PBF IRF-IRFH4213PBF_15 Datasheet
501Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4226PBF IRF-IRFH4226PBF_15 Datasheet
501Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4210PBF IRF-IRFH4210PBF Datasheet
369Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRF7351TRPBF IRF-IRF7351TRPBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
logo
Texas Instruments
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com