Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1902CDL-T1-GE3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI1902CDL-T1-GE3
Description  Dual N-Channel 20 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1902CDL-T1-GE3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI1902CDL-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1902CDL-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1902CDL-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1902CDL-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI1902CDL-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI1902CDL-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI1902CDL-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI1902CDL-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SI1902CDL-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN814
Vishay Siliconix
www.vishay.com
2
Document Number: 71237
12-Dec-03
SC-70 (6-PIN)
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
400oC W
PD + 312 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
400oC W
PD + 225 mW
NOTE: Although they are intended for low-power applications,
devices in the 6-pin SC-70 will handle power dissipation in
excess of 0.2 W.
Testing
To aid comparison further, Figure 2 illustrates the dual-channel
SC-70 thermal performance on two different board sizes and
two different pad patterns. The results display the thermal
performance out to steady state. The measured steady state
values of RθJA for the dual 6-pin SC-70 are as follows:
LITTLE FOOT SC-70 (6-PIN)
1) Minimum recommended pad pattern (see
Figure 2) on the EVB of 0.5 inches x
0.6 inches.
518_C/W
2) Industry standard 1” square PCB with
maximum copper both sides.
413_C/W
Time (Secs)
FIGURE 2.
Comparison of Dual SC70-6 on EVB and 1”
Square FR4 PCB.
0
1
500
100
200
100
1000
300
10
10-1
10-2
10-3
10-4
10-5
1” Square FR4 PCB
Dual EVB
400
The results show that if the board area can be increased and
maximum copper traces are added, the thermal resistance
reduction is limited to 20%. This fact confirms that the power
dissipation is restricted with the package size and the Alloy 42
leadframe.
ASSOCIATED DOCUMENT
Single-Channel LITTLE FOOT SC-70 6-Pin MOSFET Copper
Leadframe Version, REcommended Pad Pattern and Thermal
Performance, AN815, (http://www.vishay.com/doc?71334).


Similar Part No. - SI1902CDL-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1902CDL-T1-GE3 VISHAY-SI1902CDL-T1-GE3 Datasheet
141Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1902CDL-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com